Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R0J226M125AC Datasheet(PDF) 2 Page - TDK Electronics

Part # C2012X5R0J226M125AC
Description  Multilayer Ceramic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012X5R0J226M125AC Datasheet(HTML) 2 Page - TDK Electronics

  C2012X5R0J226M125AC_17 Datasheet HTML 1Page - TDK Electronics C2012X5R0J226M125AC_17 Datasheet HTML 2Page - TDK Electronics C2012X5R0J226M125AC_17 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Multilayer Ceramic Chip Capacitors
2 of 3
Creation Date : May 16, 2017 (GMT)
C2012X5R0J226M125AC
Characteristic Graphs(This is reference data, and does not guarantee the products characteristics.)
Impedance
C2012X5R0J226M125AC
ESR
C2012X5R0J226M125AC
Capacitance
C2012X5R0J226M125AC
DC Bias Characteristic
C2012X5R0J226M125AC
Ripple Temperature Rising
C2012X5R0J226M125AC(100kHz)
C2012X5R0J226M125AC(500kHz)
C2012X5R0J226M125AC(1MHz)
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - C2012X5R0J226M125AC_17

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C2012X5R0J226M IRF-C2012X5R0J226M Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
C2012X5R0J226M IRF-C2012X5R0J226M Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
C2012X5R0J226M IRF-C2012X5R0J226M Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
C2012X5R0J226M IRF-C2012X5R0J226M Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
C2012X5R0J226M IRF-C2012X5R0J226M Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
More results

Similar Description - C2012X5R0J226M125AC_17

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com