Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6475DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6475DQ
Description  P-Channel 12-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6475DQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6475DQ Datasheet HTML 1Page - Vishay Siliconix SI6475DQ Datasheet HTML 2Page - Vishay Siliconix SI6475DQ Datasheet HTML 3Page - Vishay Siliconix SI6475DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si6475DQ
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71294
S-01889—Rev. A, 28-Aug-00
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –5 mA
–0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –9.6 V, VGS = 0 V
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = –9.6 V, VGS = 0 V, TJ = 70_C
–10
mA
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –4.5 V
20
A
DiS
OS
R
i
a
VGS = –4.5 V, ID = –10 A
0.009
0.011
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –9 A
0.011
0.0135
W
VGS = –1.8 V, ID = –8 A
0.014
0.017
W
Forward Transconductancea
gfs
VDS = –15 V, ID = –10 A
50
S
Diode Forward Voltagea
VSD
IS = –1.5 A, VGS = 0 V
–0.68
–1.1
V
Dynamicb
Total Gate Charge
Qg
V
6 V V
4 5 V I
10 A
49.5
70
C
Gate-Source Charge
Qgs
VDS = –6 V, VGS = –4.5 V, ID = –10 A
7.7
nC
Gate-Drain Charge
Qgd
8.5
Turn-On Delay Time
td(on)
V6 V R
6
W
56
85
Rise Time
tr
VDD = –6 V, RL = 6 W
I1 A V
4 5 V R
6
W
62
100
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
300
450
ns
Fall Time
tf
185
270
Source-Drain Reverse Recovery Time
trr
IF = –1.5 A, di/dt = 100 A/ms
90
150
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0
0.5
1.0
1.5
2.0
0
6
12
18
24
30
02468
10
VGS = 5 thru 2 V
TC = 125_C
–55
_C
25
_C
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
1.5 V
1 V


Similar Part No. - SI6475DQ

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI6475DQ VBSEMI-SI6475DQ Datasheet
977Kb / 8P
   P-Channel 20-V (G-S) MOSFET
More results

Similar Description - SI6475DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com