Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVK-DS40MB200 Datasheet(PDF) 1 Page - Texas Instruments

Part # EVK-DS40MB200
Description  Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

EVK-DS40MB200 Datasheet(HTML) 1 Page - Texas Instruments

  EVK-DS40MB200 Datasheet HTML 1Page - Texas Instruments EVK-DS40MB200 Datasheet HTML 2Page - Texas Instruments EVK-DS40MB200 Datasheet HTML 3Page - Texas Instruments EVK-DS40MB200 Datasheet HTML 4Page - Texas Instruments EVK-DS40MB200 Datasheet HTML 5Page - Texas Instruments EVK-DS40MB200 Datasheet HTML 6Page - Texas Instruments EVK-DS40MB200 Datasheet HTML 7Page - Texas Instruments EVK-DS40MB200 Datasheet HTML 8Page - Texas Instruments EVK-DS40MB200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PRE_S
LO_0 ±
MUX_S0
SIA_0 ±
SIB_0 ±
LB0A
LB0B
SOA_0 ±
EQ
EQ
EQ
SOB_0 ±
LI_0 ±
PRE_S
PRE_L
PRE_S
LO_1 ±
MUX_S1
SIA_1 ±
SIB_1 ±
LB1A
LB1B
SOA_1 ±
EQ
EQ
EQ
SOB_1 ±
LI_1 ±
PRE_S
PRE_L
Pre-emphasis
Control
PreL_0
PreS_1
PreS_0
PreL_1
PRE_S
PRE_L
VCC
GND
Port 0
Port 1
RSV
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DS40MB200
SNLS144J – JUNE 2005 – REVISED JANUARY 2016
DS40MB200 Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and
Receive Equalization
1 Features
3 Description
The DS40MB200 device is a dual signal conditioning
1
1-Gbps to 4-Gbps Low Jitter Operation
2:1 multiplexer (MUX) and 1:2 fan-out buffer designed
Fixed Input Equalization
for use in backplane-redundancy applications. Signal
Programmable Output Pre-Emphasis
conditioning features include continuous time linear
equalization (CTLE) and programmable output pre-
Independent Switch and Line Side Pre-Emphasis
emphasis, extending data communication in FR4
Controls
backplanes at rates up to 4 Gbps. Each input stage
Programmable Switch-Side Loopback Mode
has
a
fixed
equalizer
to
reduce
intersymbol
On-Chip Terminations
interference distortion from board traces.
3.3-V Supply
All output drivers have four selectable steps of pre-
ESD Rating of 6-kV HBM
emphasis to compensate for transmission losses from
long FR4 backplanes and reduce deterministic jitter.
48-leadless WQFN Package (7 mm × 7 mm)
The
pre-emphasis
levels
can
be
independently
0°C to +85°C Operating Temperature Range
controlled for the line-side and switch-side drivers.
The internal loopback paths from switch-side input to
2 Applications
switch-side output enable at-speed system testing. All
receiver inputs are internally terminated with 100-
Ω
Backplane or Cable Driver
differential
terminating
resistors.
All
drivers
are
Redundancy and Signal Conditioning Applications
internally terminated with 50
Ω to VCC.
XAUI
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS40MB200
WQFN (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram
All CML inputs and outputs must be AC coupled for optimal performance.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - EVK-DS40MB200

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
EVK-1009EB YIC-EVK-1009EB Datasheet
924Kb / 5P
   Evaluation Kit for YIC51009EB Series
EVK-1612EB YIC-EVK-1612EB Datasheet
921Kb / 5P
   Evaluation Kit for YIC51612EB Series
logo
STMicroelectronics
EVK-5430-001 STMICROELECTRONICS-EVK-5430-001 Datasheet
289Kb / 33P
   Monochrome Analog Output CMOS Image Sensors
EVK-5430-002 STMICROELECTRONICS-EVK-5430-002 Datasheet
289Kb / 33P
   Monochrome Analog Output CMOS Image Sensors
logo
Active-Semi, Inc
EVK-ACT413US-T ACTIVE-SEMI-EVK-ACT413US-T Datasheet
160Kb / 3P
   ActivePSRTM Quasi-Resonant PWM Controller
10-Mar-14
More results

Similar Description - EVK-DS40MB200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_15 Datasheet
794Kb / 17P
[Old version datasheet]   DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200TSQ TI1-DS42MB200TSQ Datasheet
900Kb / 17P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB100 TI1-DS25MB100_16 Datasheet
1Mb / 23P
[Old version datasheet]   DS25MB100 2.5 Gbps 2:1/1:2 CML Mux/Buffer With Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com