Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS40MB200SQ/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS40MB200SQ/NOPB
Description  Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS40MB200SQ/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS40MB200SQ/NOPB Datasheet HTML 3Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 4Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 5Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 6Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 7Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 8Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 9Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 10Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DS40MB200
www.ti.com
SNLS144J – JUNE 2005 – REVISED JANUARY 2016
Electrical Characteristics (continued)
over recommended operating supply and temperature ranges (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
AC CHARACTERISTICS
See Figure 6 for test circuit.
At 1.25 Gbps
2
Device random
RJ
Alternating-1-0 pattern.
psrms
jitter(5)(6)
At 4 Gbps
2
Pre-emphasis disabled.
Device deterministic
See Figure 6 for test circuit.
At 4 Gbps,
DJ
30
psp-p
jitter(7)(6)
Pre-emphasis disabled.
PRBS7 pattern
DRMA
Maximum data rate(6)
Tested with alternating-1-0 pattern
4
Gbps
X
(5)
Device output random jitter is a measurement of the random jitter contribution from the device. It is derived by the equation sqrt
(RJOUT
2 – RJ
IN
2), where RJ
OUT is the random jitter measured at the output of the device in psrms, RJIN is the random jitter of the pattern
generator driving the device.
(6)
Specified by design and characterization using statistical analysis.
(7)
Device output deterministic jitter is a measurement of the deterministic jitter contribution from the device. It is derived by the equation
(DJOUT – DJIN), where DJOUT is the peak-to-peak deterministic jitter measured at the output of the device in psp-p, DJIN is the peak-to-
peak deterministic jitter of the pattern generator driving the device.
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Differential low-to-high transition
Measured with a clock-like pattern at 100 MHz,
tR
80
ps
time
between 20% and 80% of the differential output
voltage. Pre-emphasis disabled.
Transition time is measured with fixture as
Differential high-to-low transition
tF
80
ps
shown in Figure 6, adjusted to reflect the
time
transition time at the output pins.
Differential low-to-high propagation
tPLH
0.5
2
ns
delay
Measured at 50% differential voltage from input
to output.
Differential high-to-low propagation
tPHL
0.5
2
ns
delay
tSKP
Pulse skew(2)
|tPHL–tPLH|
20
ps
Difference in propagation delay among data
tSKO
Output skew(3)(2)
200
ps
paths in the same device.
Difference in propagation delay between the
tSKPP
Part-to-part skew(2)
same output from devices operating under
500
ps
identical condition.
Measured from VIH or VIL of the mux-control or
tSM
MUX switch time
loopback control to 50% of the valid differential
1.8
6
ns
output.
(1)
Typical parameters measured at VCC = 3.3 V, TA = 25°C. They are for reference purposes and are not production-tested.
(2)
Specified by design and characterization using statistical analysis.
(3)
tSKO is the magnitude difference in the propagation delays among data paths between switch A and switch B of the same port and
similar data paths between port 0 and port 1. An example is the output skew among data paths from SIA_0± to LO_0±, SIB_0± to
LO_0±, SIA_1± to LO_1± and SIB_1± to LO_1±. Another example is the output skew among data paths from LI_0± to SOA_0±, LI_0± to
SOB_0±, LI_1± to SOA_1± and LI_1± to SOB_1±. tSKO also refers to the delay skew of the loopback paths of the same port and
between similar data paths between port 0 and port 1. An example is the output skew among data paths SIA_0± to SOA_0±, SIB_0± to
SOB_0±, SIA_1± to SOA_1± and SIB_1± to SOB_1±.
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS40MB200


Similar Part No. - DS40MB200SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS40MB200SQ/NOPB TI1-DS40MB200SQ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
More results

Similar Description - DS40MB200SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_15 Datasheet
794Kb / 17P
[Old version datasheet]   DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200TSQ TI1-DS42MB200TSQ Datasheet
900Kb / 17P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB100 TI1-DS25MB100_16 Datasheet
1Mb / 23P
[Old version datasheet]   DS25MB100 2.5 Gbps 2:1/1:2 CML Mux/Buffer With Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com