Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS40MB200SQ/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS40MB200SQ/NOPB
Description  Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS40MB200SQ/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS40MB200SQ/NOPB Datasheet HTML 2Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 3Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 4Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 5Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 6Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 7Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 8Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 9Page - Texas Instruments DS40MB200SQ/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DS40MB200
SNLS144J – JUNE 2005 – REVISED JANUARY 2016
www.ti.com
6.5 Electrical Characteristics
over recommended operating supply and temperature ranges (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVCMOS DC SPECIFICATIONS
VIH
High level input voltage
2
VCC + 0.3
V
VIL
Low level input voltage
−0.3
0.8
V
IIH
High level input current
VIN = VCC
−10
10
µA
IIL
Low level input current
VIN = GND
75
94
124
µA
RPU
Pull-high resistance
35
k
Ω
RECEIVER SPECIFICATIONS
Below 1.25 Gbps
100
1750
AC-coupled differential signal.
Differential input
VID
This parameter is not production
At 1.25 Gbps–3.125 Gbps
100
1560 mVP-P
voltage range
tested.
Above 3.125 Gbps
100
1200
Common mode voltage
VICM
Measured at receiver inputs reference to ground.
1.3
V
at receiver inputs
Input differential
RITD
On-chip differential termination between IN+ or IN
−.
84
100
116
Ω
termination
DRIVER SPECIFICATIONS
RL = 100 Ω ±1%
PRES_1 = PRES_0 = 0
Output differential
PREL_1 = PREL_0 = 0
VODB
voltage swing without
1000
1200
1400 mVP-P
Driver pre-emphasis disabled.
pre-emphasis
Running K28.7 pattern at 4 Gbps.
See Figure 6 for test circuit.
RL = 100 Ω ±1%
PREx_[1:0] = 00
0
Running K28.7 pattern at
PREx_[1:0] = 01
−3
4 Gbps(2)
Output pre-emphasis
PREx_[1:0] = 10
−6
x = S for switch side pre-
voltage ratio
VPE
emphasis control
dB
20 × log (VODPE /
x = L for line side pre-emphasis
VODB)
control
PREx_[1:0] = 11
−9
See Figure 8 on waveform.
See Figure 6 for test circuit.
Tested at
−9-dB pre-emphasis level, PREx[1:0] = 11
x = S for switch side pre-emphasis control
tPE
Pre-emphasis width(3)
125
200
250
ps
x = L for line side pre-emphasis control
See Figure 3 on measurement condition.
ROTSE Output termination
On-chip termination from OUT+ or OUT
− to VCC
(4)
42
50
58
Ω
Output differential
ROTD
On-chip differential termination between OUT+ and OUT
(4)
100
Ω
termination
ΔROTS Mismatch in output
Mismatch in output terminations at OUT+ and OUT
(4)
5%
E
termination resistors
Output common mode
VOCM
2.7
V
voltage
POWER DISSIPATION
VDD = 3.465 V
All outputs terminated by 100
Ω ±1%.
PD
Power dissipation
1
W
PREL_[1:0] = 0, PRES_[1:0] = 0
Running PRBS 27–1 pattern at 4 Gbps
(1)
Typical parameters measured at VCC = 3.3 V, TA = 25°C. They are for reference purposes and are not production-tested.
(2)
K28.7 pattern is a 10-bit repeating pattern of K28.7 code group {001111 1000} K28.5 pattern is a 20-bit repeating pattern of +K28.5 and
–K28.5 code groups {110000 0101 001111 1010}
(3)
Specified by design and characterization using statistical analysis.
(4)
IN+ and IN
− are generic names refer to one of the many pairs of complementary inputs of the DS40MB200. OUT+ and OUT− are
generic names refer to one of the many pairs of the complimentary outputs of the DS40MB200. Differential input voltage VID is defined
as |IN+–IN
−|. Differential output voltage VOD is defined as |OUT+–OUT−|.
6
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: DS40MB200


Similar Part No. - DS40MB200SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS40MB200SQ/NOPB TI1-DS40MB200SQ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
More results

Similar Description - DS40MB200SQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_15 Datasheet
794Kb / 17P
[Old version datasheet]   DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200TSQ TI1-DS42MB200TSQ Datasheet
900Kb / 17P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB100 TI1-DS25MB100_16 Datasheet
1Mb / 23P
[Old version datasheet]   DS25MB100 2.5 Gbps 2:1/1:2 CML Mux/Buffer With Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com