Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8702DQRHBTQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8702DQRHBTQ1
Description  Automotive Half-Bridge Gate Driver
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8702DQRHBTQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8702DQRHBTQ1 Datasheet HTML 3Page - Texas Instruments DRV8702DQRHBTQ1 Datasheet HTML 4Page - Texas Instruments DRV8702DQRHBTQ1 Datasheet HTML 5Page - Texas Instruments DRV8702DQRHBTQ1 Datasheet HTML 6Page - Texas Instruments DRV8702DQRHBTQ1 Datasheet HTML 7Page - Texas Instruments DRV8702DQRHBTQ1 Datasheet HTML 8Page - Texas Instruments DRV8702DQRHBTQ1 Datasheet HTML 9Page - Texas Instruments DRV8702DQRHBTQ1 Datasheet HTML 10Page - Texas Instruments DRV8702DQRHBTQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
7
DRV8702D-Q1, DRV8703D-Q1
www.ti.com
SLVSDX8 – MARCH 2017
Product Folder Links: DRV8702D-Q1 DRV8703D-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended operating conditions unless otherwise noted. Typical limits apply for TA = 25°C and VVM = 13.5 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vhys
Input logic hysteresis
100
mV
IIL
Input logic-low current
VIN = 0 V
–5
5
µA
IIH
Input logic-high current
VIN = 5 V
70
µA
RPD
Pulldown resistance
64
100
173
CONTROL OUTPUTS (nFAULT, nWDFLT, SDO)
VOL
Output logic-low voltage
IO = 2 mA
0.1
V
IOZ
Output high-impedance leakage
5V pullup voltage
-2
2
µA
FET GATE DRIVERS (GH, SH, GL)
VGSH
High-side VGS gate drive (gate-
to-source)
VVM > 13.5 V; VGSH with respect to SH
10.5
11.5
V
VVM = 8 V; VGSH with respect to SH
5.7
6.8
VVM = 5.5 V; VGSH with respect to SH
3.4
4
VGSL
Low-side VGS gate drive (gate-to-
source)
VVM > 10.5 V
10.5
V
VVM < 10.5 V
VVM – 2
IDRIVE(SRC_HS)
High-side peak source current
(VVM = 5.5V)
R(IDRIVE) < 1 kΩ to GND (DRV8702D) or
IDRIVE = 3’b000 (DRV8703D)
10
mA
R(IDRIVE) = 33 kΩ to GND (DRV8702D) or
IDRIVE = 3’b001 (DRV8703D)
20
R(IDRIVE) = 200 kΩ to GND (DRV8702D)
or IDRIVE = 3’b010 (DRV8703D)
50
IDRIVE = 3’b011 (DRV8703D)
70
IDRIVE = 3’b100 (DRV8703D)
100
R(IDRIVE) > 2 MΩ to GND (DRV8702D) or
IDRIVE = 3’b101 (DRV8703D)
145
R(IDRIVE) = 68 kΩ to AVDD (DRV8702D)
or IDRIVE = 3’b110 (DRV8703D)
190
R(IDRIVE) = 1 kΩ to AVDD (DRV8702D) or
IDRIVE = 3’b111 (DRV8703D)
240
IDRIVE(SNK_HS)
High-side peak sink current
(VVM = 5.5V)
R(IDRIVE) < 1 kΩ to GND (DRV8702D) or
IDRIVE = 3’b000 (DRV8703D)
20
mA
R(IDRIVE) = 33 kΩ to GND (DRV8702D) or
IDRIVE = 3’b001 (DRV8703D)
40
R(IDRIVE) = 200 kΩ to GND (DRV8702D)
or IDRIVE = 3’b010 (DRV8703D)
90
IDRIVE = 3’b011 (DRV8703D)
120
IDRIVE = 3’b100 (DRV8703D)
170
R(IDRIVE) > 2 MΩ to GND (DRV8702D) or
IDRIVE = 3’b101 (DRV8703D)
250
R(IDRIVE) = 68 kΩ to AVDD (DRV8702D)
or IDRIVE = 3’b110 (DRV8703D)
330
R(IDRIVE) = 1 kΩ to AVDD (DRV8702D) or
IDRIVE = 3’b111 (DRV8703D)
420


Similar Part No. - DRV8702DQRHBTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
[Old version datasheet]   Automotive H-Bridge Gate Driver
DRV8702QRHBRQ1 TI1-DRV8702QRHBRQ1 Datasheet
127Kb / 6P
[Old version datasheet]   Automotive H-Bridge Gate Driver
DRV8702QRHBTQ1 TI1-DRV8702QRHBTQ1 Datasheet
127Kb / 6P
[Old version datasheet]   Automotive H-Bridge Gate Driver
More results

Similar Description - DRV8702DQRHBTQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com