Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5032FADBZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5032FADBZR
Description  Ultra-Low-Power Digital-Switch Hall Effect Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5032FADBZR Datasheet(HTML) 1 Page - Texas Instruments

  DRV5032FADBZR Datasheet HTML 1Page - Texas Instruments DRV5032FADBZR Datasheet HTML 2Page - Texas Instruments DRV5032FADBZR Datasheet HTML 3Page - Texas Instruments DRV5032FADBZR Datasheet HTML 4Page - Texas Instruments DRV5032FADBZR Datasheet HTML 5Page - Texas Instruments DRV5032FADBZR Datasheet HTML 6Page - Texas Instruments DRV5032FADBZR Datasheet HTML 7Page - Texas Instruments DRV5032FADBZR Datasheet HTML 8Page - Texas Instruments DRV5032FADBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Temperature (qC)
-40
-10
20
50
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D011
1.65 V
3 V
5.5 V
OUT
DRV5032
GPIO
VCC
Controller
VCC
GND
distance
N
S
Copyright © 201 7, Texas Instrumen ts Incorpor ate d
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV5032
SLVSDC7A – APRIL 2017 – REVISED MAY 2017
DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
1
1 Features
1
Industry-Leading Ultra-Low Power Consumption
5-Hz Version: 0.54 µA With 1.8 V
20-Hz Versions: 1.6 µA With 3 V
1.65- to 5.5-V Operating VCC Range
Magnetic Threshold (Typical BOP):
3 mT, High Sensitivity
Omnipolar and Dual-Unipolar Options
20-Hz and 5-Hz Sampling Rate Options
Open-Drain and Push-Pull Output Options
SOT-23 and X2SON Package Options
–40°C to +85°C Operating Temperature Range
2 Applications
Battery-Critical Position Sensing
Electricity Meter Tamper Detection
Cell Phone, Laptop, or Tablet Case Sensing
E-locks, Smoke Detectors, Appliances
Medical Devices, IoT Systems
Valve or Solenoid Position Detection
Contactless Diagnostics or Activation
3 Description
The DRV5032 device is an ultra-low-power digital-
switch Hall effect sensor, designed for the most
compact and battery-sensitive systems. The device is
offered in multiple sampling rates, output drivers, and
packages to accommodate various applications.
When the applied magnetic flux density exceeds the
BOP threshold, the device output drives a low voltage.
The output stays low until the flux density decreases
to less than BRP, and then the output either drives a
high voltage or becomes high impedance, depending
on the device version. By incorporating an internal
oscillator, the device samples the magnetic field and
updates the output at a rate of 20 Hz, or 5 Hz for the
lowest current consumption. Omnipolar and dual-
unipolar magnetic responses are available.
The device operates from a VCC range of 1.65 V to
5.5 V, and is packaged in a standard SOT-23 and
small X2SON.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV5032
SOT-23 (3)
2.92 mm × 1.30 mm
X2SON (4)
1.10 mm × 1.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Schematic
Current Consumption of 5-Hz Version


Similar Part No. - DRV5032FADBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5032FADBZR TI1-DRV5032FADBZR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032FADBZR TI1-DRV5032FADBZR Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032FADBZR TI1-DRV5032FADBZR Datasheet
1Mb / 37P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032FADBZR TI-DRV5032FADBZR Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
More results

Similar Description - DRV5032FADBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032_017 TI1-DRV5032_017 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI-DRV5032_V02 Datasheet
1Mb / 40P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032_V01 Datasheet
1Mb / 37P
[Old version datasheet]   DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
logo
Diodes Incorporated
AH1911 DIODES-AH1911 Datasheet
588Kb / 9P
   ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
AH1912 DIODES-AH1912 Datasheet
685Kb / 10P
   ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
logo
Texas Instruments
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1925 DIODES-AH1925 Datasheet
593Kb / 9P
   ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH
September 2019 Rev. 1 - 2
logo
Texas Instruments
DRV5021 TI1-DRV5021 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Unipolar, Digital-Switch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com