Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8702D-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8702D-Q1
Description  Automotive Half-Bridge Gate Driver
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8702D-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8702D-Q1 Datasheet HTML 5Page - Texas Instruments DRV8702D-Q1 Datasheet HTML 6Page - Texas Instruments DRV8702D-Q1 Datasheet HTML 7Page - Texas Instruments DRV8702D-Q1 Datasheet HTML 8Page - Texas Instruments DRV8702D-Q1 Datasheet HTML 9Page - Texas Instruments DRV8702D-Q1 Datasheet HTML 10Page - Texas Instruments DRV8702D-Q1 Datasheet HTML 11Page - Texas Instruments DRV8702D-Q1 Datasheet HTML 12Page - Texas Instruments DRV8702D-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
9
DRV8702D-Q1, DRV8703D-Q1
www.ti.com
SLVSDX8 – MARCH 2017
Product Folder Links: DRV8702D-Q1 DRV8703D-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended operating conditions unless otherwise noted. Typical limits apply for TA = 25°C and VVM = 13.5 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Operational at VVREF = 0 to approximately 0.3 V, but accuracy is degraded.
IDRIVE(SNK_HS)
High-side peak sink current
(VVM = 13.5V)
R(IDRIVE) < 1 kΩ to GND (DRV8702D) or
IDRIVE = 3’b000 (DRV8703D)
20
mA
R(IDRIVE) = 33 kΩ to GND (DRV8702D) or
IDRIVE = 3’b001 (DRV8703D)
40
R(IDRIVE) = 200 kΩ to GND (DRV8702D)
or IDRIVE = 3’b010 (DRV8703D)
95
IDRIVE = 3’b011 (DRV8703D)
130
IDRIVE = 3’b100 (DRV8703D)
185
R(IDRIVE) > 2 MΩ to GND (DRV8702D) or
IDRIVE = 3’b101 (DRV8703D)
265
R(IDRIVE) = 68 kΩ to AVDD (DRV8702D)
or IDRIVE = 3’b110 (DRV8703D)
350
R(IDRIVE) = 1 kΩ to AVDD (DRV8702D) or
IDRIVE = 3’b111 (DRV8703D)
440
IDRIVE(SRC_LS)
Low-side peak source current
(VVM = 13.5V)
R(IDRIVE) < 1 kΩ to GND (DRV8702D) or
IDRIVE = 3’b000 (DRV8703D)
10
mA
R(IDRIVE) = 33 kΩ to GND (DRV8702D) or
IDRIVE = 3’b001 (DRV8703D)
20
R(IDRIVE) = 200 kΩ to GND (DRV8702D)
or IDRIVE = 3’b010 (DRV8703D)
45
IDRIVE = 3’b011 (DRV8703D)
60
IDRIVE = 3’b100 (DRV8703D)
90
R(IDRIVE) > 2 MΩ to GND (DRV8702D) or
IDRIVE = 3’b101 (DRV8703D)
130
R(IDRIVE) = 68 kΩ to AVDD (DRV8702D)
or IDRIVE = 3’b110 (DRV8703D)
180
R(IDRIVE) = 1 kΩ to AVDD (DRV8702D) or
IDRIVE = 3’b111 (DRV8703D)
225
IDRIVE(SNK_LS)
Low-side peak sink current
(VVM = 13.5V)
R(IDRIVE) < 1 kΩ to GND (DRV8702D) or
IDRIVE = 3’b000 (DRV8703D)
20
mA
R(IDRIVE) = 33 kΩ to GND (DRV8702D) or
IDRIVE = 3’b001 (DRV8703D)
40
R(IDRIVE) = 200 kΩ to GND (DRV8702D)
or IDRIVE = 3’b010 (DRV8703D)
95
IDRIVE = 3’b011 (DRV8703D)
125
IDRIVE = 3’b100 (DRV8703D)
180
R(IDRIVE) > 2 MΩ to GND (DRV8702D) or
IDRIVE = 3’b101 (DRV8703D)
260
R(IDRIVE) = 68 kΩ to AVDD (DRV8702D)
or IDRIVE = 3’b110 (DRV8703D)
350
R(IDRIVE) = 1 kΩ to AVDD (DRV8702D) or
IDRIVE = 3’b111 (DRV8703D)
430
IHOLD
FET holding current
Source current after tDRIVE
10
mA
Sink current after tDRIVE
40
ISTRONG
FET holdoff strong pulldown
GH
750
mA
GL
1000
R(OFF)
FET gate holdoff resistor
Pulldown GH to SH
150
Pulldown GL to GND
150
CURRENT SHUNT AMPLIFIER AND PWM CURRENT CONTROL (SP, SN, SO, VREF)
VVREF
VREF input rms voltage
For current internal chopping
0.3(2)
3.6
V


Similar Part No. - DRV8702D-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
[Old version datasheet]   Automotive H-Bridge Gate Driver
DRV8702QRHBRQ1 TI1-DRV8702QRHBRQ1 Datasheet
127Kb / 6P
[Old version datasheet]   Automotive H-Bridge Gate Driver
DRV8702QRHBTQ1 TI1-DRV8702QRHBTQ1 Datasheet
127Kb / 6P
[Old version datasheet]   Automotive H-Bridge Gate Driver
More results

Similar Description - DRV8702D-Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com