Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIX4192TPFBRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DIX4192TPFBRQ1
Description  Integrated Digital Audio Interface Receiver and Transmitter
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIX4192TPFBRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  DIX4192TPFBRQ1 Datasheet HTML 1Page - Texas Instruments DIX4192TPFBRQ1 Datasheet HTML 2Page - Texas Instruments DIX4192TPFBRQ1 Datasheet HTML 3Page - Texas Instruments DIX4192TPFBRQ1 Datasheet HTML 4Page - Texas Instruments DIX4192TPFBRQ1 Datasheet HTML 5Page - Texas Instruments DIX4192TPFBRQ1 Datasheet HTML 6Page - Texas Instruments DIX4192TPFBRQ1 Datasheet HTML 7Page - Texas Instruments DIX4192TPFBRQ1 Datasheet HTML 8Page - Texas Instruments DIX4192TPFBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
Head Unit
DIX4192-Q1
Tuner
External Trunk Amplifier
PCM1864-Q1
Line/Mic Input ADC
Jacinto Processor
and DSP
S/PDIF IN
S/PDIF OUT
S/PDIF TX
S/PDIF RX
I2S/PCM
I2S/PCM/TDM
I2C
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DIX4192-Q1
SBFS041A – JULY 2016 – REVISED APRIL 2017
DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade:
DIX4192I-Q1: Grade 3 (–40°C to +85°C)
DIX4192T-Q1: Grade 2 (–40°C to +105°C)
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4B
Digital Audio Interface Transmitter (DIT)
PCM/Encoded data to S/PDIF Conversion
Supports Sampling Rates Up to 216 kHz
Includes Differential Line Driver and
CMOS-Buffered Outputs
Digital Audio Interface Receiver (DIR)
S/PDIF to Stereo PCM Conversion / Encoded
data
PLL Lock Range Includes Sampling Rates
from 20 kHz to 216 kHz
Four Differential-Input Line Receivers and an
Input Multiplexer
Bypass Multiplexer Routes Line Receiver
Outputs to Line Driver and Buffer Outputs
Automatic Detection of Non-PCM Audio
Streams (DTS CD/LD and IEC 61937 formats)
Audio CD Q-Channel Sub-Code Decoding and
Data Buffer
Low Jitter Recovered Clock Output
User-Selectable Serial Host Interface: SPI™ or
I2C
Provides Access to On-Chip Registers and
Data Buffers
Status Registers and Interrupt Generation for
Flag and Error Conditions
Block-Sized Data Buffers for Both Channel
Status and User Data
Two Audio Serial Ports (Ports A and B)
Synchronous Serial Interface to External
Signal Processors, Data Converters, and Logic
Slave or Master Mode Operation With
Sampling Rates Up to 216 kHz
Supports Left-Justified, Right-Justified, and
Philips I2S™ Data Formats
Supports Audio Data Word Lengths Up to
24 Bits
Four General-Purpose Digital Outputs
Multifunction Programmable Through Control
Registers
Extensive Power-Down Support
Functional Blocks May Be Disabled
Individually When Not In Use
Operates From 1.8-V Core and 3.3-V I/O Power
Supplies
Small TQFP-48 Package, Compatible With the
SRC4382 and SRC4392
2 Applications
Automotive Infotainment Systems
3 Description
The DIX4192-Q1 device is a highly-integrated CMOS
device
designed
for
use
in
professional
and
broadcast digital audio systems. The DIX4192-Q1
combines a digital audio interface receiver (DIR) and
transmitter (DIT), two audio serial ports, and flexible
distribution logic for interconnection of the function
block data and clocks.
The DIR and DIT are compatible with the AES3,
S/PDIF, IEC 60958, and EIAJ CP-1201 interface
standards. The audio serial ports and DIT may be
operated at sampling rates up to 216 kHz. The DIR
lock range includes sampling rates from 20 kHz to
216 kHz.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DIX4192-Q1
TQFP (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
DIX4192-Q1 Typical Application


Similar Part No. - DIX4192TPFBRQ1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFB TI1-DIX4192IPFB Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - DIX4192TPFBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com