Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL6P3LLH6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STL6P3LLH6
Description  Very low on-resistance
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL6P3LLH6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STL6P3LLH6 Datasheet HTML 5Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 6Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 7Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 8Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 9Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 10Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 11Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 12Page - STMicroelectronics STL6P3LLH6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STL6P3LLH6
Package mechanical data
DocID023668 Rev 3
9/15
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK
® is an ST trademark.
4.1
PowerFLAT™ 3.3 x 3.3 type C mechanical data
Figure 16
: PowerFLAT™ 3.3 x 3.3 type C drawing
BOTTOM VIEW
SIDE VIEW
TOP VIEW
8465286_A


Similar Part No. - STL6P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL60N10F7 STMICROELECTRONICS-STL60N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0145 ??typ., 12 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
October 2013 Rev 3
STL60N32N3LL STMICROELECTRONICS-STL60N32N3LL Datasheet
1Mb / 14P
   Dual N-channel 30 V, 0.005 廓, 15 A PowerFLAT??5x6 asymmetrical double island, STripFET??Power MOSFET
February 2012 Rev 3
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
   N-channel 30 V, 0.0063 ?? 17 A PowerFLAT??(5x6) STripFET??V Power MOSFET
March 2010 Rev 1
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
350Kb / 13P
   N-channel 30V - 0.0065Ohm - 30A - PowerFLAT TM (6x5) Ultra low gate charge STripFET??Power MOSFET
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
355Kb / 13P
   N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
More results

Similar Description - STL6P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
   Very low on-resistance
June 2015 Rev 3
STP110N8F6 STMICROELECTRONICS-STP110N8F6 Datasheet
557Kb / 13P
   Very low on-resistance
December 2014 Rev 2
STR1P2UH7 STMICROELECTRONICS-STR1P2UH7 Datasheet
613Kb / 12P
   Very low on-resistance
June 2015 Rev 3
STR2P3LLH6 STMICROELECTRONICS-STR2P3LLH6 Datasheet
547Kb / 12P
   Very low on-resistance
November 2014 Rev 2
STS9P3LLH6 STMICROELECTRONICS-STS9P3LLH6 Datasheet
602Kb / 13P
   Very low on-resistance
March 2016 Rev 2
STT3P2UH7 STMICROELECTRONICS-STT3P2UH7 Datasheet
563Kb / 13P
   Very low on-resistance
September 2016 Rev 3
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
STD15P6F6AG STMICROELECTRONICS-STD15P6F6AG Datasheet
643Kb / 15P
   Very low on-resistance
STT7P2UH7 STMICROELECTRONICS-STT7P2UH7 Datasheet
488Kb / 13P
   Very low on-resistance
October 2014 Rev 3
STH175N4F6-2AG STMICROELECTRONICS-STH175N4F6-2AG Datasheet
594Kb / 18P
   Very low on-resistance
February 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com