Electronic Components Datasheet Search |
|
RC1210JR-7N1ML Datasheet(PDF) 2 Page - YAGEO Corporation |
|
RC1210JR-7N1ML Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 10 page Chip Resistor Surface Mount www.yageo.com Feb. 17, 2017 V.5 Product specification 2 10 SERIES RC_L 0075 to 2512 SCOPE This specification describes RC series chip resistors with lead free terminations made by thick film process. APPLICATIONS All general purpose application FEATURES Halogen Free Epoxy RoHS compliant Products with lead free terminations meet RoHS requirements Pb-glass contained in electrodes, resistors element and glass are exempted by RoHS Reducing environmentally hazardous wastes High component and equipment reliability Saving of PCB space None forbidden-materials used in products/production GLOBAL PART NUMBER RC XXXX X X X XX XXXX L (1) (2) (3) (4) (5) (6) (7) (1) SIZE 0075/0100/0201/0402/0603/0805/1206/1210/1218/2010/2512 (2) TOLERANCE B = ± 0.1% D = ± 0.5% F = ± 1.0% J = ± 5.0% (for jumper ordering, use code of J) (3) PACKAGING TYPE R = Paper taping reel K = Embossed taping reel S = ESD safe reel (0075/0100 only) (4) TEMPERATURE COEFFICIENT OF RESISTANCE -= Based on spec. (5) TAPING REEL 07= 7 inch dia. Reel 13=13 inch dia. Reel 7W = 7 inch dia. Reel & 2 x standard power 7N = 7 inch dia. Reel, ESD safe reel (0075/0100 only) (6) RESISTANCE VALUE There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point Example: 97R6 = 97.6Ω 9K76 = 9760Ω 1M = 1,000,000Ω (7) DEFAULT CODE Letter L is the system default code for ordering only.(Note) ORDERING INFORMATION - GLOBAL PART NUMBER Global part numbers are identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and resistance value. ORDERING EXAMPLE The ordering code for a RC0402 0.0625W chip resistor value 100KΩwith ±5% tolerance, supplied in 7-inch tape reel of 10,000 units per reel is: RC0402JR-07100KL. NOTE 1. All our RSMD products meet RoHS compliant and Halogen Free. "LFP" of the internal 2D reel label mentions "Lead Free Process". 2. On customized label, "LFP" or specific symbol can be printed. |
Similar Part No. - RC1210JR-7N1ML |
|
Similar Description - RC1210JR-7N1ML |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |