Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STIPN1M50T-H Datasheet(PDF) 6 Page - STMicroelectronics

Part # STIPN1M50T-H
Description  3-phase inverters for small power motor drives
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN1M50T-H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STIPN1M50T-H Datasheet HTML 2Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 3Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 4Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 5Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 6Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 7Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 8Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 9Page - STMicroelectronics STIPN1M50T-H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical ratings
STIPN1M50T-H
6/24
DocID028911 Rev 4
2
Electrical ratings
2.1
Absolute maximum ratings
Table 3: Inverter part
Symbol
Parameter
Value
Unit
VDSS
MOSFET blocking voltage (or drain-source voltage) for
each MOSFET (VIN(1)= 0)
500
V
± ID
Continuous current each MOSFET
1
A
± IDP(2)
Peak drain current each MOSFET (less than 1 ms)
2
A
PTOT
Each MOSFET total dissipation at TC = 25 °C
8.3
W
Notes:
(1)Applied among HINi, LINi and GND for i = U, V, W.
(2)Pulse width limited by max. junction temperature.
Table 4: Control part
Symbol
Parameter
Min.
Max.
Unit
VOUT
Output voltage applied among OUTU, OUTV, OUTW -
GND
Vboot - 21
Vboot + 0.3
V
VCC
Low voltage power supply
- 0.3
21
V
VCIN
Comparator input voltage
- 0.3
VCC + 0.3
V
Vop+
Op-amp non-inverting input
- 0.3
VCC + 0.3
V
Vop-
Op-amp inverting input
- 0.3
VCC + 0.3
V
Vboot
Bootstrap voltage
- 0.3
620
V
VIN
Logic input voltage applied among HIN, LIN and GND
- 0.3
15
V
��������/��������
̅̅̅̅/��������
Open-drain voltage
- 0.3
15
V
∆VOUT/dT
Allowed output slew rate
50
V/ns
Table 5: Total system
Symbol
Parameter
Value
Unit
VISO
Isolation withstand voltage applied between each pin
and heatsink plate (AC voltage, t = 60 s)
1000
V
Tj
Power chip operating junction temperature range
-40 to 150
°C
TC
Module case operation temperature range
-40 to 125
°C
2.2
Thermal data
Table 6: Thermal data
Symbol
Parameter
Value
Unit
Rth(j-c)
Thermal resistance junction-case
15
°C/W


Similar Part No. - STIPN1M50T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIPN1M50T-H STMICROELECTRONICS-STIPN1M50T-H Datasheet
1,015Kb / 23P
   SLLIMM-nano IPM, 3-phase inverter, 1 A, 3.6 Ω max., 500 V MOSFET
Rev 6 - January 2020
STIPN1M50T-H STMICROELECTRONICS-STIPN1M50T-H_V01 Datasheet
1,015Kb / 23P
   SLLIMM-nano IPM, 3-phase inverter, 1 A, 3.6 Ω max., 500 V MOSFET
Rev 6 - January 2020
More results

Similar Description - STIPN1M50T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIPN1M50-H STMICROELECTRONICS-STIPN1M50-H Datasheet
989Kb / 21P
   3-phase inverters for small power motor drives
February 2017 Rev 2
STIPN2M50T-H STMICROELECTRONICS-STIPN2M50T-H Datasheet
1Mb / 25P
   3-phase inverters for small power motor drives
February 2017 Rev 5
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIB10CH60TS-L STMICROELECTRONICS-STGIB10CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
October 2016 Rev 6
STGIB15CH60TS-E STMICROELECTRONICS-STGIB15CH60TS-E Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIB15CH60TS-L STMICROELECTRONICS-STGIB15CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIPL30C60-H STMICROELECTRONICS-STGIPL30C60-H Datasheet
1Mb / 24P
   3-phase inverters for motor drives
July 2013 Rev 4
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
   3-phase inverters for motor drives
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
   3-phase inverters for motor drives
STGIF5CH60TS-L STMICROELECTRONICS-STGIF5CH60TS-L Datasheet
600Kb / 25P
   3-phase inverters for motor drives
September 2015 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com