Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVF3055L108T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVF3055L108T1G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVF3055L108T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NVF3055L108T1G Datasheet HTML 1Page - ON Semiconductor NVF3055L108T1G Datasheet HTML 2Page - ON Semiconductor NVF3055L108T1G Datasheet HTML 3Page - ON Semiconductor NVF3055L108T1G Datasheet HTML 4Page - ON Semiconductor NVF3055L108T1G Datasheet HTML 5Page - ON Semiconductor NVF3055L108T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Publication Order Number:
NTF3055L108/D
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 9
1
NTF3055L108,
NVF3055L108
Power MOSFET
3.0 A, 60 V, Logic Level, N−Channel
SOT−223
Designed for low voltage, high speed switching applications in power
supplies, converters and power motor controls and bridge circuits.
Features
NVF Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Applications
Power Supplies
Converters
Power Motor Controls
Bridge Circuits
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MW)
VDGR
60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−repetitive (tp ≤ 10 ms)
VGS
± 15
± 20
Vdc
Vpk
Drain Current
− Continuous @ TA = 25°C (Note 1)
− Continuous @ TA = 100°C (Note 2)
− Single Pulse (tp ≤ 10 ms)
ID
ID
IDM
3.0
1.4
9.0
Adc
Apk
Total Power Dissipation @ TA = 25°C (Note 1)
Total Power Dissipation @ TA = 25°C (Note 2)
Derate above 25
°C
PD
2.1
1.3
0.014
Watts
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
−55
to 175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 5.0 Vdc,
IL(pk) = 7.0 Apk, L = 3.0 mH, VDS = 60 Vdc)
EAS
74
mJ
Thermal Resistance
−Junction−to−Ambient (Note 1)
−Junction−to−Ambient (Note 2)
RqJA
RqJA
72.3
114
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. When surface mounted to an FR4 board using 1
″ pad size, 1 oz.
(Cu. Area 1 in2).
2. When surface mounted to an FR4 board using minimum recommended pad
size, 2 oz. (Cu. Area 0.272 in2).
D
G
S
1
2
3
4
3.0 A, 60 V
RDS(on) = 120 mW
N−Channel
SOT−223
CASE 318E
STYLE 3
MARKING DIAGRAM
AYW
3055L
G
G
3055L
= Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
PIN ASSIGNMENT
3
2
1
4
Gate
Drain
Source
Drain
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
www.onsemi.com


Similar Part No. - NVF3055L108T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVF3055L108T1G ONSEMI-NVF3055L108T1G Datasheet
117Kb / 6P
   Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
October, 2011 ??Rev. 6
More results

Similar Description - NVF3055L108T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com