Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD2955G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD2955G
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD2955G Datasheet(HTML) 3 Page - ON Semiconductor

  NTD2955G Datasheet HTML 1Page - ON Semiconductor NTD2955G Datasheet HTML 2Page - ON Semiconductor NTD2955G Datasheet HTML 3Page - ON Semiconductor NTD2955G Datasheet HTML 4Page - ON Semiconductor NTD2955G Datasheet HTML 5Page - ON Semiconductor NTD2955G Datasheet HTML 6Page - ON Semiconductor NTD2955G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTD2955, NVD2955
www.onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance versus Drain Current
and Temperature
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−To−Source Leakage
Current versus Voltage
0
1
2
345
0
15
25
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
24
6
8
10
0
10
18
24
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
VDS ≥ −10 V
TJ = -55°C
25
°C
125
°C
VGS = -10 V
-9 V
-8 V
-6 V
-5 V
-7 V
5
10
20
35
79
4
12
22
67
8
9
10
16
6
03
6
15
24
0
0.10
0.20
0.30
0
6
21
24
0.050
0.075
0.200
0.250
−ID, DRAIN CURRENT (AMPS)
-ID, DRAIN CURRENT (AMPS)
TJ = 25°C
VGS = −10 V
TJ = 125°C
25
°C
-55
°C
12
21
3
12
15
0.05
0.15
0.25
0.100
0.225
0.125
VGS = −10 V
-15 V
18
9
0.35
0.40
0.175
918
0.150
-50
0.6
0.8
1.2
1.6
520
50
60
1
100
1000
TJ, JUNCTION TEMPERATURE (°C)
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
-25
0
25
50
75
100
125
150
VGS = 0 V
VGS = −10 V
ID = −6 A
15
30
40
1.0
1.4
TJ = 125°C
175
0.4
0.2
0
1.8
2.0
100
°C
-6.5 V
-5.5 V
-9.5 V
8
2
20
14
0.45
0.50
10
10
25
55
35
45


Similar Part No. - NTD2955G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD2955G ONSEMI-NTD2955G Datasheet
64Kb / 8P
   Power MOSFET
October, 2004 ??Rev. 7
NTD2955G ONSEMI-NTD2955G Datasheet
124Kb / 8P
   ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
NTD2955G ONSEMI-NTD2955G Datasheet
119Kb / 8P
   Power MOSFET
August, 2013 ??Rev. 13
logo
VBsemi Electronics Co.,...
NTD2955G VBSEMI-NTD2955G Datasheet
987Kb / 8P
   P-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NTD2955G ONSEMI-NTD2955G Datasheet
112Kb / 8P
   Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
More results

Similar Description - NTD2955G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com