Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4904NT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD4904NT4G
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4904NT4G Datasheet(HTML) 3 Page - ON Semiconductor

  NTD4904NT4G Datasheet HTML 1Page - ON Semiconductor NTD4904NT4G Datasheet HTML 2Page - ON Semiconductor NTD4904NT4G Datasheet HTML 3Page - ON Semiconductor NTD4904NT4G Datasheet HTML 4Page - ON Semiconductor NTD4904NT4G Datasheet HTML 5Page - ON Semiconductor NTD4904NT4G Datasheet HTML 6Page - ON Semiconductor NTD4904NT4G Datasheet HTML 7Page - ON Semiconductor NTD4904NT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTD4904N
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 30 A
TJ = 25°C
0.84
1.1
V
TJ = 125°C
0.7
Reverse Recovery Time
tRR
VGS = 0 V, dIs/dt= 100 A/ms,
IS = 30 A
40.4
ns
Charge Time
ta
20.5
Discharge Time
tb
19.9
Reverse Recovery Time
QRR
35
nC
PACKAGE PARASITIC VALUES
Source Inductance (Note 5)
LS
TA = 25°C
2.48
nH
Drain Inductance, DPAK
LD
0.0164
Drain Inductance, IPAK (Note 5)
LD
1.88
Gate Inductance (Note 5)
LG
4.9
Gate Resistance
RG
1.0
2.0
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Assume terminal length of 110 mils.


Similar Part No. - NTD4904NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4904NT4G ONSEMI-NTD4904NT4G Datasheet
148Kb / 8P
   Power MOSFET 30 V, 79 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 0
More results

Similar Description - NTD4904NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com