Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD5867NLT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD5867NLT4G
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5867NLT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NTD5867NLT4G Datasheet HTML 1Page - ON Semiconductor NTD5867NLT4G Datasheet HTML 2Page - ON Semiconductor NTD5867NLT4G Datasheet HTML 3Page - ON Semiconductor NTD5867NLT4G Datasheet HTML 4Page - ON Semiconductor NTD5867NLT4G Datasheet HTML 5Page - ON Semiconductor NTD5867NLT4G Datasheet HTML 6Page - ON Semiconductor NTD5867NLT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 3
1
Publication Order Number:
NTD5867NL/D
NTD5867NL
N-Channel Power MOSFET
60 V, 20 A, 39 mW
Features
Low RDS(on)
High Current Capability
100% Avalanche Tested
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage − Continuous
VGS
±20
V
Gate−to−Source Voltage
− Non−Repetitive (tp < 10 ms)
VGS
±30
V
Continuous Drain
Current (RqJC)
Steady
State
TC = 25°C
ID
20
A
TC = 100°C
13
Power Dissipation
(RqJC)
TC = 25°C
PD
36
W
Pulsed Drain Current
tp = 10 ms
IDM
76
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
150
°C
Source Current (Body Diode)
IS
20
A
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 50 V, VGS = 10 V, RG = 25 W,
IL(pk) = 19 A, L = 0.1 mH, TJ = 25°C)
EAS
18
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
3.5
°C/W
Junction−to−Ambient − Steady State (Note 1)
RqJA
45
1. Surface−mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [2 oz] including traces.
DPAK
CASE 369AA
(Surface Mount)
STYLE 2
MARKING DIAGRAMS
& PIN ASSIGNMENT
60 V
39 m
W @ 10 V
RDS(on) MAX
ID MAX
V(BR)DSS
50 m
W @ 4.5 V
http://onsemi.com
1 2
3
4
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
1
Gate
2
Drain 3
Source
4
Drain
A
= Assembly Location*
Y
= Year
WW
= Work Week
5867NL = Device Code
G
= Pb−Free Package
G
S
N−Channel
D
IPAK
CASE 369D
(Straight Lead)
STYLE 2
1
2
3
4
4
Drain
2
Drain
1
Gate
3
Source
20 A
18 A
* The Assembly Location code (A) is front side
optional. In cases where the Assembly Location is
stamped in the package, the front side assembly
code may be blank.


Similar Part No. - NTD5867NLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5867NLT4G ONSEMI-NTD5867NLT4G Datasheet
144Kb / 7P
   N-Channel Power MOSFET 60 V, 20 A, 39 m
March, 2010 ??Rev. 0
logo
VBsemi Electronics Co.,...
NTD5867NLT4G VBSEMI-NTD5867NLT4G Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
NTD5867NLT4G UMW-NTD5867NLT4G Datasheet
456Kb / 6P
   60V N -Channel MOSFET
logo
BYCHIP ELECTRONICS CO.,...
NTD5867NLT4G BYCHIP-NTD5867NLT4G Datasheet
763Kb / 4P
   N-channel Enhancement Mode Power MOSFET
More results

Similar Description - NTD5867NLT4G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com