Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD5867NL-1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD5867NL-1G
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5867NL-1G Datasheet(HTML) 2 Page - ON Semiconductor

  NTD5867NL-1G Datasheet HTML 1Page - ON Semiconductor NTD5867NL-1G Datasheet HTML 2Page - ON Semiconductor NTD5867NL-1G Datasheet HTML 3Page - ON Semiconductor NTD5867NL-1G Datasheet HTML 4Page - ON Semiconductor NTD5867NL-1G Datasheet HTML 5Page - ON Semiconductor NTD5867NL-1G Datasheet HTML 6Page - ON Semiconductor NTD5867NL-1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTD5867NL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
60
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 60 V
TJ = 25°C
1.0
mA
TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
1.8
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
5.2
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 10 A
26
39
m
W
VGS = 4.5 V, ID = 10 A
33
50
Forward Transconductance
gFS
VDS = 15 V, ID = 10 A
8.0
S
CHARGES, CAPACITANCES AND GATE RESISTANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 25 V
675
pF
Output Capacitance
Coss
68
Reverse Transfer Capacitance
Crss
47
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 48 V,
ID = 20 A
15
nC
Threshold Gate Charge
QG(TH)
1.0
Gate−to−Source Charge
QGS
2.2
Gate−to−Drain Charge
QGD
4.3
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 48 V,
ID = 20 A
7.6
nC
Gate Resistance
RG
1.3
W
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(on)
VGS = 10 V, VDD = 48 V,
ID = 20 A, RG = 2.5 W
6.5
ns
Rise Time
tr
12.6
Turn−Off Delay Time
td(off)
18.2
Fall Time
tf
2.4
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 10 A
TJ = 25°C
0.87
1.2
V
TJ = 100°C
0.78
Reverse Recovery Time
tRR
VGS = 0 V, dIs/dt = 100 A/ms,
IS = 20 A
17
ns
Charge Time
ta
13
Discharge Time
tb
4.0
Reverse Recovery Charge
QRR
12
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD5867NL-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5867NL-1G ONSEMI-NTD5867NL-1G Datasheet
144Kb / 7P
   N-Channel Power MOSFET 60 V, 20 A, 39 m
March, 2010 ??Rev. 0
logo
VBsemi Electronics Co.,...
NTD5867NL-1G VBSEMI-NTD5867NL-1G Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTD5867NL-1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com