Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4539ADY Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI4539ADY
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4539ADY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4539ADY Datasheet HTML 1Page - Vishay Siliconix SI4539ADY Datasheet HTML 2Page - Vishay Siliconix SI4539ADY Datasheet HTML 3Page - Vishay Siliconix SI4539ADY Datasheet HTML 4Page - Vishay Siliconix SI4539ADY Datasheet HTML 5Page - Vishay Siliconix SI4539ADY Datasheet HTML 6Page - Vishay Siliconix SI4539ADY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Si4539ADY
Vishay Siliconix
Document Number: 71131
S-03951—Rev. B, 26-May-03
www.vishay.com
2-1
N- and P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
N-Channel
30
0.036 @ VGS = 10 V
5.9
N-Channel
30
0.053 @ VGS = 4.5 V
4.9
P Channel
30
0.053 @ VGS = - 10 V
- 4.9
P-Channel
-30
0.090 @ VGS = - 4.5 V
- 3.7
D1
G1
S1
N-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4539ADY
Si4539ADY-T1 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
N-Channel
P-Channel
Parameter
Symbol
10 secs
Steady State
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
"20
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
5.9
4.4
- 4.9
- 3.7
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
4.7
3.6
- 3.9
- 2.9
A
Pulsed Drain Current
IDM
30
A
Continuous Source Current (Diode Conduction)a
IS
1.7
0.9
- 1.7
- 0.9
Maximum Power Dissipationa
TA = 25_C
PD
2.0
1.1
2
1.1
W
Maximum Power Dissipationa
TA = 70_C
PD
1.3
0.7
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
N-Channel
P-Channel
Parameter
Symbol
Typ
Max
Typ
Max
Unit
Mi
J
ti
t A bi
ta
t
v 10 sec
R
50
62.5
52
62.5
Maximum Junction-to-Ambienta
Steady State
RthJA
90
110
90
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
32
40
32
40
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI3590DV N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4544DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6543DQ Dual N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4558DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6544DQ N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI3552DV N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4532ADY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI2303BDS P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI1433DH P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn