Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH265N6F6-6AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STH265N6F6-6AG
Description  Very low gate charge
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH265N6F6-6AG Datasheet(HTML) 2 Page - STMicroelectronics

  STH265N6F6-6AG Datasheet HTML 1Page - STMicroelectronics STH265N6F6-6AG Datasheet HTML 2Page - STMicroelectronics STH265N6F6-6AG Datasheet HTML 3Page - STMicroelectronics STH265N6F6-6AG Datasheet HTML 4Page - STMicroelectronics STH265N6F6-6AG Datasheet HTML 5Page - STMicroelectronics STH265N6F6-6AG Datasheet HTML 6Page - STMicroelectronics STH265N6F6-6AG Datasheet HTML 7Page - STMicroelectronics STH265N6F6-6AG Datasheet HTML 8Page - STMicroelectronics STH265N6F6-6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Contents
STH265N6F6-2AG, STH265N6F6-6AG
2/18
DocID027032 Rev 2
Contents
1
Electrical ratings ............................................................................. 3
2
Electrical characteristics ................................................................ 4
2.1
Electrical characteristics (curves)...................................................... 6
3
Package mechanical data ............................................................... 8
3.1
H2PAK-2 mechanical data ................................................................ 9
3.2
H²PAK-6 package information......................................................... 12
4
Packaging information.................................................................. 15
5
Revision history ............................................................................ 17


Similar Part No. - STH265N6F6-6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH260N4LF7-2 STMICROELECTRONICS-STH260N4LF7-2 Datasheet
598Kb / 17P
   N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
November 2015
STH260N4LF7-6 STMICROELECTRONICS-STH260N4LF7-6 Datasheet
598Kb / 17P
   N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
November 2015
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
   N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
STH260N6F6-6 STMICROELECTRONICS-STH260N6F6-6 Datasheet
817Kb / 13P
   Very low on-resistance
March 2014 Rev 2
logo
Inchange Semiconductor ...
STH260N6F6-6 ISC-STH260N6F6-6 Datasheet
389Kb / 4P
   N-Channel Power MOSFET
More results

Similar Description - STH265N6F6-6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL260N3LLH6 STMICROELECTRONICS-STL260N3LLH6 Datasheet
947Kb / 15P
   Very low gate charge
November 2014 Rev 2
STD130N4F6AG STMICROELECTRONICS-STD130N4F6AG Datasheet
811Kb / 16P
   Very low gate charge
February 2015 Rev 2
STD110N8F6 STMICROELECTRONICS-STD110N8F6 Datasheet
632Kb / 16P
   Very low gate charge
December 2014 Rev 1
STS10DN3LH5 STMICROELECTRONICS-STS10DN3LH5 Datasheet
773Kb / 13P
   Very low switching gate charge
May 2009 Rev 1
STS9P2UH7 STMICROELECTRONICS-STS9P2UH7 Datasheet
554Kb / 15P
   Very low capacitance and gate charge
logo
Infineon Technologies A...
BSC046N10NS3G INFINEON-BSC046N10NS3G Datasheet
560Kb / 10P
   Very low gate charge for high frequency applications
Rev. 2.0 2011-09-29
logo
Advanced Power Electron...
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
   Low Gate Charge
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
   Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
   Low Gate Charge
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
   Low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com