Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4302G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD4302G
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4302G Datasheet(HTML) 3 Page - ON Semiconductor

  NTD4302G Datasheet HTML 1Page - ON Semiconductor NTD4302G Datasheet HTML 2Page - ON Semiconductor NTD4302G Datasheet HTML 3Page - ON Semiconductor NTD4302G Datasheet HTML 4Page - ON Semiconductor NTD4302G Datasheet HTML 5Page - ON Semiconductor NTD4302G Datasheet HTML 6Page - ON Semiconductor NTD4302G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTD4302
http://onsemi.com
3
TYPICAL CHARACTERISTICS
1.6
1.4
1
1.2
0.8
0.6
10
1
100
1000
10000
40
20
50
10
30
0
60
0.005
0
30
2
1.5
1
0
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
0
0.1
0.075
0.05
0.025
4
0
26
8
10
Figure 3. On−Resistance vs.
Gate−To−Source Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 4. On−Resistance vs. Drain Current
and Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−To−Source Leakage
Current vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
50
−50
100
75
0
−25
125
150
23
6
0.00E+00
1.00E+01
0
0.01
0.015
525
20
15
10
30
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
10
20
40
2.5
3
VGS = 0 V
TJ = 150°C
TJ = 100°C
ID = 18.5 A
VGS = 10 V
VGS = 4.5 V
VGS = 10 V
TJ = 25°C
ID = 10 A
TJ = 25°C
VDS > = 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
VGS = 10 V
VGS = 7 V
VGS = 5 V
VGS = 4.6 V
VGS = 4 V
VGS = 4.4 V
VGS = 3.8 V
VGS = 3.4 V
VGS = 3.2 V
VGS = 3.0 V
TJ = 25°C
50
25
45
VGS = 2.8 V
0.5
2.00E+01
3.00E+01
4.00E+01
5.00E+01
6.00E+01


Similar Part No. - NTD4302G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4302G ONSEMI-NTD4302G Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
More results

Similar Description - NTD4302G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com