Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD24N06LT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD24N06LT4G
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD24N06LT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NTD24N06LT4G Datasheet HTML 1Page - ON Semiconductor NTD24N06LT4G Datasheet HTML 2Page - ON Semiconductor NTD24N06LT4G Datasheet HTML 3Page - ON Semiconductor NTD24N06LT4G Datasheet HTML 4Page - ON Semiconductor NTD24N06LT4G Datasheet HTML 5Page - ON Semiconductor NTD24N06LT4G Datasheet HTML 6Page - ON Semiconductor NTD24N06LT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 4
1
Publication Order Number:
NTD24N06L/D
NTD24N06L, STD24N06L
Power MOSFET
24 A, 60 V, Logic Level, N−Channel DPAK
Designed for low voltage, high speed switching applications in
power supplies, converters and power motor controls and bridge
circuits.
Features
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
Power Supplies
Converters
Power Motor Controls
Bridge Circuits
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage (RGS = 10 MW)
VDGR
60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−repetitive (tpv10 ms)
VGS
VGS
"15
"20
Vdc
Drain Current
− Continuous @ TA = 25°C
− Continuous @ TA = 100°C
− Single Pulse (tpv10 ms)
ID
ID
IDM
24
10
72
Adc
Apk
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
Total Power Dissipation @ TA = 25°C (Note 1)
Total Power Dissipation @ TA = 25°C (Note 2)
PD
62.5
0.42
1.88
1.36
W
W/
°C
W
W
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
+175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 50 Vdc, VGS = 5.0 Vdc,
L = 1.0 mH, IL(pk) = 18 A, VDS = 60 Vdc)
EAS
162
mJ
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient (Note 1)
− Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJA
2.4
80
110
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8 in from case for 10 seconds
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. When surface mounted to an FR4 board using 0.5 sq. in. pad size.
2. When surface mounted to an FR4 board using minimum recommended pad
size.
http://onsemi.com
MARKING DIAGRAM
& PIN ASSIGNMENT
A
= Assembly Location*
Y
= Year
WW
= Work Week
24N6L
= Device Code
G
= Pb−Free Package
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
1
Gate
3
Source
2
Drain
4
Drain
DPAK
CASE 369C
(Surface Mount)
STYLE 2
1 2
3
4
24 AMPERES, 60 VOLTS
RDS(on) = 0.036 W (Typ)
N−Channel
D
S
G
* The Assembly Location code (A) is front side
optional. In cases where the Assembly Location is
stamped in the package, the front side assembly
code may be blank.


Similar Part No. - NTD24N06LT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD24N06LT4G ONSEMI-NTD24N06LT4G Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
logo
VBsemi Electronics Co.,...
NTD24N06LT4G VBSEMI-NTD24N06LT4G Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
NTD24N06LT4G UMW-NTD24N06LT4G Datasheet
413Kb / 6P
   TrenchFET® Power MOSFET
More results

Similar Description - NTD24N06LT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com