Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH240N75F3-2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STH240N75F3-2
Description  Conduction losses reduced
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH240N75F3-2 Datasheet(HTML) 5 Page - STMicroelectronics

  STH240N75F3-2 Datasheet HTML 1Page - STMicroelectronics STH240N75F3-2 Datasheet HTML 2Page - STMicroelectronics STH240N75F3-2 Datasheet HTML 3Page - STMicroelectronics STH240N75F3-2 Datasheet HTML 4Page - STMicroelectronics STH240N75F3-2 Datasheet HTML 5Page - STMicroelectronics STH240N75F3-2 Datasheet HTML 6Page - STMicroelectronics STH240N75F3-2 Datasheet HTML 7Page - STMicroelectronics STH240N75F3-2 Datasheet HTML 8Page - STMicroelectronics STH240N75F3-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STH240N75F3-2, STH240N75F3-6
Electrical characteristics
Doc ID 18486 Rev 2
5/18
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISD
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current (pulsed)
-
180
720
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Forward on voltage
ISD = 120 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 120 A,di/dt = 100 A/µs
VDD = 30 V, Tj = 150 °C
(see Figure 15)
-
80
180
4.5
ns
nC
A


Similar Part No. - STH240N75F3-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH240N10F7-2 STMICROELECTRONICS-STH240N10F7-2 Datasheet
774Kb / 17P
   Ultra low on-resistance
July 2014 Rev 2
STH240N10F7-6 STMICROELECTRONICS-STH240N10F7-6 Datasheet
774Kb / 17P
   Ultra low on-resistance
July 2014 Rev 2
More results

Similar Description - STH240N75F3-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS15N4LLF5 STMICROELECTRONICS-STS15N4LLF5 Datasheet
588Kb / 12P
   Conduction losses reduced
April 2010 Rev 1
logo
Vishay Siliconix
SIHJ10N60E VISHAY-SIHJ10N60E Datasheet
156Kb / 7P
   Reduced switching and conduction losses
Rev. B, 16-Jan-17
SIHH11N60E VISHAY-SIHH11N60E Datasheet
196Kb / 9P
   Reduced switching and conduction losses
Rev. A, 24-Aug-15
SIHH14N60E VISHAY-SIHH14N60E Datasheet
196Kb / 9P
   Reduced switching and conduction losses
Rev. B, 07-Sep-15
SIHG33N60E VISHAY-SIHG33N60E Datasheet
198Kb / 8P
   Reduced switching and conduction losses
Rev. F, 02-May-16
SIHP38N60E VISHAY-SIHP38N60E Datasheet
143Kb / 7P
   Reduced switching and conduction losses
Rev. A, 04-Jul-16
SIHH21N60E VISHAY-SIHH21N60E Datasheet
195Kb / 9P
   Reduced switching and conduction losses
Rev. A, 24-Aug-15
logo
International Rectifier
IRF6609TR1 IRF-IRF6609TR1 Datasheet
264Kb / 11P
   Low Conduction Losses
IRF7807VD1PBF IRF-IRF7807VD1PBF_15 Datasheet
1Mb / 9P
   LOW CONDUCTION LOSSES
logo
STMicroelectronics
STTH1L06-Y STMICROELECTRONICS-STTH1L06-Y Datasheet
257Kb / 9P
   Low conduction losses
August 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com