Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH12N120K5-2 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STH12N120K5-2
Description  Worldwide best FOM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH12N120K5-2 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STH12N120K5-2 Datasheet HTML 11Page - STMicroelectronics STH12N120K5-2 Datasheet HTML 12Page - STMicroelectronics STH12N120K5-2 Datasheet HTML 13Page - STMicroelectronics STH12N120K5-2 Datasheet HTML 14Page - STMicroelectronics STH12N120K5-2 Datasheet HTML 15Page - STMicroelectronics STH12N120K5-2 Datasheet HTML 16Page - STMicroelectronics STH12N120K5-2 Datasheet HTML 17Page - STMicroelectronics STH12N120K5-2 Datasheet HTML 18Page - STMicroelectronics STH12N120K5-2 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
STH12N120K5-2, STP12N120K5,
STW12N120K5, STWA12N120K5
Package information
DocID022133 Rev 4
15/21
Table 10: TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L
13
14
L1
3.50
3.93
L20
16.40
L30
28.90
øP
3.75
3.85
Q
2.65
2.95


Similar Part No. - STH12N120K5-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH12N120K5-2AG STMICROELECTRONICS-STH12N120K5-2AG Datasheet
405Kb / 15P
   Automotive-grade N-channel 1200 V, 1.45 Ω typ., 7 A, MDmesh K5 Power MOSFET in an H²PAK‑2 package
Rev 1 - October 2022
More results

Similar Description - STH12N120K5-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD8N80K5 STMICROELECTRONICS-STD8N80K5 Datasheet
1Mb / 17P
   Worldwide best FOM
March 2013 Rev 2
logo
Infineon Technologies A...
SPN04N60S5 INFINEON-SPN04N60S5_05 Datasheet
4Mb / 10P
   New revolutionary high voltage technology Worldwide best RDS in SOT 223
Rev. 2.2 2005-02-21
SPP20N65C3 INFINEON-SPP20N65C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Rev. 3.0 2007-08-30
logo
Micrel Semiconductor
MIC3000 MICREL-MIC3000_07 Datasheet
452Kb / 68P
   FOM Management IC
logo
Infineon Technologies A...
SPP21N50C3 INFINEON-SPP21N50C3_07 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPP20N60C3 INFINEON-SPP20N60C3_09 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
SPB12N50C3 INFINEON-SPB12N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.4 2005-11-07
SPP17N80C3 INFINEON-SPP17N80C3_07 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.6 2007-08-30
logo
XP Power Limited
AMM XPPOWER-AMM Datasheet
204Kb / 4P
   Worldwide Medical Approvals
logo
Roithner LaserTechnik G...
LFO-14-IP ROITHNER-LFO-14-IP Datasheet
126Kb / 1P
   best source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com