Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGIPS14K60T-H Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGIPS14K60T-H
Description  Undervoltage lockout
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS14K60T-H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGIPS14K60T-H Datasheet HTML 6Page - STMicroelectronics STGIPS14K60T-H Datasheet HTML 7Page - STMicroelectronics STGIPS14K60T-H Datasheet HTML 8Page - STMicroelectronics STGIPS14K60T-H Datasheet HTML 9Page - STMicroelectronics STGIPS14K60T-H Datasheet HTML 10Page - STMicroelectronics STGIPS14K60T-H Datasheet HTML 11Page - STMicroelectronics STGIPS14K60T-H Datasheet HTML 12Page - STMicroelectronics STGIPS14K60T-H Datasheet HTML 13Page - STMicroelectronics STGIPS14K60T-H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
STGIPS14K60T-H
10/19
DocID024476 Rev 3
Note:
X: don’t care
Table 11. Shut down characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tsd
Shut down to high / low side
driver propagation delay
V
OUT = 0, Vboot = VCC,
V
IN = 0 to 3.3 V
50
125
200
ns
Table 12. Truth table
Condition
Logic input (VI)
Output
SD
LIN
HIN
LVG
HVG
Shutdown enable
half-bridge tri-state
LX
XL
L
Interlocking
half-bridge tri-state
HH
H
L
L
0 ‘’logic state”
half-bridge tri-state
HL
L
L
L
1 “logic state”
low side direct driving
HH
L
H
L
1 “logic state”
high side direct driving
HL
HL
H
Figure 5. Maximum IC(RMS) current vs. switching
frequency (1)
Figure 6. Maximum IC(RMS) current vs. fSINE
(1)
1.
Simulated curves refer to typical IGBT parameters and maximum RthJC.
AM03801v2
8
10
12
14
16
18
4
6
8
1012141618
Ic(RMS) [A]
fsw [kHz]
TC = 100°C
TC = 80°C
VPN = 300 V, Modulation index = 0.8,
PF = 0.6, Tj = 150 °C, fSINE = 60 Hz
AM03802v2
6
7
8
9
10
11
110
Ic(RMS) [A]
fSINE [Hz]
fsw = 12 kHz
fsw = 20 kHz
fsw = 16 kHz
VPN = 300 V, Modulation index = 0.8,
PF = 0.6, Tj = 150°C, Tc = 100 °C


Similar Part No. - STGIPS14K60T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS14K60T STMICROELECTRONICS-STGIPS14K60T Datasheet
880Kb / 20P
   SLLIMM (small low-loss intelligent molded module) IPM
May 2013 Rev 4
More results

Similar Description - STGIPS14K60T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
   Undervoltage lockout
February 2017 Rev 4
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
   Undervoltage lockout
February 2017 Rev 4
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
   Undervoltage lockout
April 2015 Rev 2
STGIPS20C60-H STMICROELECTRONICS-STGIPS20C60-H Datasheet
791Kb / 20P
   Undervoltage lockout
April 2015 Rev 4
logo
International Rectifier
IR2130DSCB IRF-IR2130DSCB Datasheet
176Kb / 21P
   Undervoltage lockout for all channels
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
STMicroelectronics
EV-VND7050AJ STMICROELECTRONICS-EV-VND7050AJ Datasheet
438Kb / 7P
   Undervoltage shutdown
July 2014 Rev 2
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com