Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W4165PRSMA10 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # W4165PRSMA10
Description  3G/GPRS/GSMGNSS IP67
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W4165PRSMA10 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  W4165PRSMA10 Datasheet HTML 1Page - Pulse A Technitrol Company W4165PRSMA10 Datasheet HTML 2Page - Pulse A Technitrol Company W4165PRSMA10 Datasheet HTML 3Page - Pulse A Technitrol Company W4165PRSMA10 Datasheet HTML 4Page - Pulse A Technitrol Company W4165PRSMA10 Datasheet HTML 5Page - Pulse A Technitrol Company W4165PRSMA10 Datasheet HTML 6Page - Pulse A Technitrol Company W4165PRSMA10 Datasheet HTML 7Page - Pulse A Technitrol Company W4165PRSMA10 Datasheet HTML 8Page - Pulse A Technitrol Company W4165PRSMA10 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Issue: 1718
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: 3G/GPRS/GSM + GNSS IP67
PART NUMBER: W4165XXX
Series: Outdoor Multi Band
4
Antenna Color / Material
Black
Connector type
As requested
Cable type
RG-174, Black
Cable length
As requested
Fixing system
Direct Mount
P.S.
requires a 3/4” (19mm) hole
in the mounting surface.
Connector retention
30 N
Strain relief
30 N, applied to cable along axis
and perpendicular to cable entry
Operating Temperature
-40 ~ 85° C
Storage Temperature
-40 ~ 85° C
Ingress Protection
IP67
Wind-loading
160 km/h
RoHS Compliant
Yes
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS


Similar Part No. - W4165PRSMA10

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W4165 PULSE-W4165 Datasheet
1Mb / 14P
   3G/GPRS/GSM GNSS IP67
W4165AI PULSE-W4165AI Datasheet
1Mb / 14P
   3G/GPRS/GSM GNSS IP67
W4165MM PULSE-W4165MM Datasheet
1Mb / 14P
   3G/GPRS/GSM GNSS IP67 MAGNETIC MOUNT
W4165MM PULSE-W4165MM Datasheet
1Mb / 14P
   3G/GPRS/GSM GNSS IP67 with Magnetic Mount
W4165MMAI PULSE-W4165MMAI Datasheet
1Mb / 14P
   3G/GPRS/GSM GNSS IP67 MAGNETIC MOUNT
More results

Similar Description - W4165PRSMA10

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W4165XXX PULSE-W4165XXX Datasheet
1Mb / 14P
   3G/GPRS/GSM GNSS IP67
W4165MM PULSE-W4165MM Datasheet
1Mb / 14P
   3G/GPRS/GSM GNSS IP67 MAGNETIC MOUNT
W4165MMXX PULSE-W4165MMXX Datasheet
1Mb / 14P
   3G/GPRS/GSM GNSS IP67 with Magnetic Mount
logo
Quectel Wireless Soluti...
MC60 QUECTEL-MC60 Datasheet
673Kb / 3P
   Ultra-small LCC Quad-band GSM/GPRS/GNSS Module
MC90 QUECTEL-MC90 Datasheet
760Kb / 2P
   LCC Quad-band GSM/GPRS/GNSS/Wi-Fi Module
logo
WONGSHI ENTERPRISE LIMI...
AH3G.101 ANTENNAHOME-AH3G.101 Datasheet
514Kb / 2P
   H108 Rubber SMA-J ,2G/3G GSM/GPRS Antenna
AH3G.107B ANTENNAHOME-AH3G.107B Datasheet
538Kb / 2P
   H200 Rubber SMA-J ,2G/3G/4G GSM/GPRS Antenna
AH3G.204 ANTENNAHOME-AH3G.204 Datasheet
580Kb / 2P
   FPC6330 L120 1.13cable IPX, GSM/GPRS,3G/4G/5G Antenna
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com