Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGIPS10C60T-H Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGIPS10C60T-H
Description  Undervoltage lockout
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS10C60T-H Datasheet(HTML) 5 Page - STMicroelectronics

  STGIPS10C60T-H Datasheet HTML 1Page - STMicroelectronics STGIPS10C60T-H Datasheet HTML 2Page - STMicroelectronics STGIPS10C60T-H Datasheet HTML 3Page - STMicroelectronics STGIPS10C60T-H Datasheet HTML 4Page - STMicroelectronics STGIPS10C60T-H Datasheet HTML 5Page - STMicroelectronics STGIPS10C60T-H Datasheet HTML 6Page - STMicroelectronics STGIPS10C60T-H Datasheet HTML 7Page - STMicroelectronics STGIPS10C60T-H Datasheet HTML 8Page - STMicroelectronics STGIPS10C60T-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID025628 Rev 2
5/19
STGIPS10C60T-H
Electrical ratings
19
2
Electrical ratings
2.1
Absolute maximum ratings
Table 3. Inverter part
Symbol
Parameter
Value
Unit
VPN
Supply voltage applied between P - NU, NV, NW
450
V
VPN(surge)
Supply voltage (surge) applied between P - NU,
NV, NW
500
V
VCES
Each IGBT collector emitter voltage (VIN
(1) = 0)
1.
Applied between
HINi, LINi and GND for i = U, V, W
600
V
± IC
Each IGBT continuous collector current
at TC = 25°C
10
A
± ICP
(2)
2.
Pulse width limited by max junction temperature
Each IGBT pulsed collector current
20
A
PTOT
Each IGBT total dissipation at TC = 25°C
33
W
tscw
Short circuit withstand time, VCE = 0.5 V(BR)CES
TJ = 125 °C, VCC = Vboot= 15 V, VIN (1)= 0 - 5 V
5µs
Table 4. Control part
Symbol
Parameter
Value
Unit
VOUT
Output voltage applied between
OUTU, OUTV, OUTW - GND
Vboot - 21 to Vboot + 0.3
V
VCC
Low voltage power supply
-0.3 to +21
V
Vboot
Bootstrap voltage applied between
Vboot i - OUTi for i = U, V, W
-0.3 to 620
V
VIN
Logic input voltage applied between HIN, LIN and
GND
-0.3 to 15
V
VSD
Open drain voltage
-0.3 to 15
V
dVOUT/dt Allowed output slew rate
50
V/ns
Table 5. Total system
Symbol
Parameter
Value
Unit
VISO
Isolation withstand voltage applied between each
pin and heatsink plate (AC voltage, t = 60 sec.)
2500
V
Tj
Power chips operating junction temperature
-40 to 150
°C
TC
Module case operation temperature
-40 to 125
°C


Similar Part No. - STGIPS10C60T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIPS10C60-H STMICROELECTRONICS-STGIPS10C60-H Datasheet
707Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
More results

Similar Description - STGIPS10C60T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
   Undervoltage lockout
February 2017 Rev 4
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
   Undervoltage lockout
February 2017 Rev 4
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
   Undervoltage lockout
April 2015 Rev 3
STGIPS20C60-H STMICROELECTRONICS-STGIPS20C60-H Datasheet
791Kb / 20P
   Undervoltage lockout
April 2015 Rev 4
logo
International Rectifier
IR2130DSCB IRF-IR2130DSCB Datasheet
176Kb / 21P
   Undervoltage lockout for all channels
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
STMicroelectronics
EV-VND7050AJ STMICROELECTRONICS-EV-VND7050AJ Datasheet
438Kb / 7P
   Undervoltage shutdown
July 2014 Rev 2
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com