Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLWRB4150B Datasheet(PDF) 88 Page - Silicon Laboratories

Part # SLWRB4150B
Description  EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SLWRB4150B Datasheet(HTML) 88 Page - Silicon Laboratories

Back Button SLWRB4150B Datasheet HTML 84Page - Silicon Laboratories SLWRB4150B Datasheet HTML 85Page - Silicon Laboratories SLWRB4150B Datasheet HTML 86Page - Silicon Laboratories SLWRB4150B Datasheet HTML 87Page - Silicon Laboratories SLWRB4150B Datasheet HTML 88Page - Silicon Laboratories SLWRB4150B Datasheet HTML 89Page - Silicon Laboratories SLWRB4150B Datasheet HTML 90Page - Silicon Laboratories SLWRB4150B Datasheet HTML 91Page - Silicon Laboratories SLWRB4150B Datasheet HTML 92Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 163 page
background image
I2C Fast-mode Plus (Fm+)
Table 4.44. I2C Fast-mode Plus (Fm+)1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCL clock frequency2
fSCL
0
1000
kHz
SCL clock low time
tLOW
0.5
μs
SCL clock high time
tHIGH
0.26
μs
SDA set-up time
tSU,DAT
50
ns
SDA hold time
tHD,DAT
100
ns
Repeated START condition
set-up time
tSU,STA
0.26
μs
(Repeated) START condition
hold time
tHD,STA
0.26
μs
STOP condition set-up time
tSU,STO
0.26
μs
Bus free time between a
STOP and START condition
tBUF
0.5
μs
Note:
1. For CLHR set to 0 or 1 in the I2Cn_CTRL register
2. For the minimum HFPERCLK frequency required in Fast-mode Plus, refer to the I2C chapter in the reference manual
EFR32MG1 Mighty Gecko ZigBee® & Thread SoC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.1 | 83


Similar Part No. - SLWRB4150B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWRB4158A SILABS-SLWRB4158A Datasheet
1Mb / 34P
   EFR32MG13 2400/915 MHz 19 dBm Dual Band Radio Board
Rev. 1.01
SLWRB4159A SILABS-SLWRB4159A Datasheet
1Mb / 34P
   UG281: EFR32MG13 2.4 GHz 10 dBm Wireless Starter Kit
Rev. 1.01
More results

Similar Description - SLWRB4150B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32MG1B732F256 SILABS-EFR32MG1B732F256 Datasheet
1Mb / 94P
   EFR32MG1 Mighty Gecko SoC with Integrated Serial Flash Data Sheet
EFR32MG13 SILABS-EFR32MG13 Datasheet
2Mb / 194P
   EFR32MG13 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG12P432F SILABS-EFR32MG12P432F Datasheet
2Mb / 181P
   EFR32MG12 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32MG21 SILABS-EFR32MG21 Datasheet
893Kb / 76P
   EFR32MG21 Mighty Gecko Multiprotocol Wireless SoC Family
Rev. 1.1
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
   EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32FG12P432F SILABS-EFR32FG12P432F Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com