Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si4738-C40-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si4738-C40-GM
Description  BROADCAST AM/FM RADIO RECEIVER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4738-C40-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  Si4738-C40-GM Datasheet HTML 1Page - Silicon Laboratories Si4738-C40-GM Datasheet HTML 2Page - Silicon Laboratories Si4738-C40-GM Datasheet HTML 3Page - Silicon Laboratories Si4738-C40-GM Datasheet HTML 4Page - Silicon Laboratories Si4738-C40-GM Datasheet HTML 5Page - Silicon Laboratories Si4738-C40-GM Datasheet HTML 6Page - Silicon Laboratories Si4738-C40-GM Datasheet HTML 7Page - Silicon Laboratories Si4738-C40-GM Datasheet HTML 8Page - Silicon Laboratories Si4738-C40-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Rev. 1.0 12/09
Copyright © 2009 by Silicon Laboratories
Si4736/37/38/39-C40
Si4736/37/38/39-C40
B ROADCAST AM/FM R ADIO R ECEIVER
Features
Applications
Description
The Si4736/37/38/39 is the first digital CMOS AM/FM radio receiver IC that
integrates the complete tuner function from antenna input to audio output.
Functional Block Diagram
NOAA weather band support
(162.4–162.55 MHz)
Worldwide FM band support
(64–108 MHz)
Worldwide AM band support
(520–1710 kHz) (Si4736/37)
1050 Hz alert tone detection
Excellent real-world performance
Freq synthesizer with integrated VCO
Advanced AM/FM seek tuning
Automatic frequency control (AFC)
Automatic gain control (AGC)
Digital FM stereo decoder
Programmable AVC max gain
Programmable de-emphasis
AM/FM/WB digital tuning
No manual alignment necessary
Programmable reference clock
Volume control
Adjustable soft mute control
RDS/RBDS processor (Si4737/39)
Optional digital audio out (Si4737/39)
2-wire and 3-wire control interface
Integrated LDO regulator
2.0 to 5.5 V supply voltage (SSOP)
2.7 to 5.5 V supply voltage (QFN)
Wide range of ferrite loop sticks and
air loop antennas supported
QFN and SSOP packages
RoHS compliant
Emergency radios
Table and portable radios
Stereos
Mini/micro systems
Boom boxes
Modules
Clock radios
Mini HiFi
ADC
ADC
Si473x
DSP
DAC
DAC
FMI
FM/
WB
ANT
VIO
1.85–3.6 V
CONTROL
INTERFACE
ROUT
LOUT
LDO
VDD
GND
RDS
(Si4737/
39)
AM
ANT
RFGND
AMI
LNA
LNA
LOW-IF
DIGITAL
AUDIO
(Si4737/
39)
DOUT
DFS
GPO/DCLK
AGC
AGC
AFC
2.7– 5.5 V (QFN)
2.0– 5.5 V (SSOP)
This product, its features, and/or its
architecture is covered by one or more of
the following patents, as well as other
patents, pending and issued, both foreign
and
domestic:
7,127,217;
7,272,373;
7,272,375;
7,321,324;
7,355,476;
7,426,376;
7,471,940;
7,339,503;
7,339,504.
Ordering Information:
See page 32.
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 DOUT
LOUT
ROUT
GND
RST
NC
AMI
VDD
FMI
RFGND
Si4736/37 (SSOP)
LOUT
ROUT
DBYP
VIO
GPO2/INT
GPO3/DCLK
DOUT
DFS
1
2
3
4
5
6
7
8
9
10
11
12
GPO1
VDD
SDIO
NC
NC
RCLK
SEN
FMI
RFGND
SCLK
GND
NC
NC
RST
GND
AMI
24
23
22
21
20
19
18
17
16
15
14
13
Si4736/37/38/39 (QFN)


Similar Part No. - Si4738-C40-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4738-C40 SILABS-SI4738-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
More results

Similar Description - Si4738-C40-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4830 SILABS-SI4830 Datasheet
1Mb / 3P
   Broadcast Mechanical Tuning AM/FM Radio Receiver
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com