Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1PHB75GK08B Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # S1PHB75GK08B
Description  Single Phase Half Controlled Bridge Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S1PHB75GK08B Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  S1PHB75GK08B Datasheet HTML 1Page - Sirectifier Semiconductors S1PHB75GK08B Datasheet HTML 2Page - Sirectifier Semiconductors S1PHB75GK08B Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.0 0 1
0.0 1
0 .1
1
0
5 0
100
150
200
250
300
2
3
4
5 6 7
0
1
101
102
103
0.0
0.5
1.0
1.5
2.0
0
15
30
45
60
75
90
105
0.001
0.01
0.1
1
10
0. 0
0. 5
1. 0
1 .5
2. 0
I
2t
I
F SM
I
F
A
V
F
t
s
t
ms
t
s
Z
thJH
K/W
A
2s
0
20
40
60
80 100 120
0
10
20
30
40
50
I
d(A V )M
T
H
A
V
A
˚C
V
R = 0 V
Fig. 3
Forward current versus voltage
drop per diode
Fig. 4
Surge overload current
Fig. 5 2 t versus time per diode
Fig. 6
Power dissipation versus direct output current and ambient temperature
Fig. 7
Max. forward current versus
heatsink temperature
Fig. 8
Transient thermal impedance junction to heatsink
T
VJ = 125
C
T
VJ = 45 C
typ.
T
VJ = 125 C
T
VJ =
25 C
max.
T
VJ = 125
C
T
VJ = 45 C
Constants for Z
thJH calculation:
i
R
thi (K/W)
t
i (s)
1
0.005
0.008
2
0.2
0.05
3
0.875
0.06
4
0.47
0.25
50Hz, 80% V
RRM
1
I
0
20
40
60
80
0
20
40
100
200
220
0
20
40
60
80
100
120 140
P
tot
W
I
M
)V
A
(
F
A
T
amb
C
R
thHA :
0.5 K/W
1.0 K/W
1.5 K/W
2.0 K/W
3.0 K/W
4.0 K/W
6.0 K/W
˚
60
80
90
100
70
120
140
180
60
80
160
S1PHB75GKXXB
Single Phase Half Controlled Bridge Modules With Free Wheeling Diode
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S1PHB75GK08B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PHB15 SIRECTIFIER-S1PHB15 Datasheet
363Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB15-08 SIRECTIFIER-S1PHB15-08 Datasheet
363Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB15-12 SIRECTIFIER-S1PHB15-12 Datasheet
363Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB15-14 SIRECTIFIER-S1PHB15-14 Datasheet
363Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB15-16 SIRECTIFIER-S1PHB15-16 Datasheet
363Kb / 3P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
More results

Similar Description - S1PHB75GK08B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PHB50GKXXB SIRECTIFIER-S1PHB50GKXXB Datasheet
258Kb / 3P
   Single Phase Half Controlled Bridge Modules
S1PHB41GKXXB SIRECTIFIER-S1PHB41GKXXB Datasheet
335Kb / 3P
   Single Phase Half Controlled Bridge Modules
S3PHB70 SIRECTIFIER-S3PHB70_16 Datasheet
241Kb / 2P
   Three Phase Half Controlled Bridge Modules
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
IXYS Corporation
VHFD29 IXYS-VHFD29 Datasheet
85Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBZ36 POWERSEM-PSBZ36 Datasheet
182Kb / 2P
   Single Phase Half Controlled Rectifier Bridge
logo
IXYS Corporation
VHFD16 IXYS-VHFD16 Datasheet
86Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBH25 POWERSEM-PSBH25 Datasheet
189Kb / 2P
   Single Phase Half Controlled Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com