Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3PFB180G08B Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # S3PFB180G08B
Description  Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3PFB180G08B Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  S3PFB180G08B Datasheet HTML 1Page - Sirectifier Semiconductors S3PFB180G08B Datasheet HTML 2Page - Sirectifier Semiconductors S3PFB180G08B Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S3PHB180,
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
Type
VRRM
VRSM
Dimensions in mm (1mm=0.0394")
S3PHBD180, S3PFB180
Symbol
Test Conditions
Maximum Ratings
Unit
Tc=85oC, module
module
per leg
110
110
58
A
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
1150
1230
1000
1070
A
IFSM,ITSM
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
6600
6280
5000
4750
A2s
I
(di/dt) cr
150
500
A/us
(dv/dt) cr T
VJ
=TVJM;
VDR=2/3VDRM
RGK= ; method 1 (linear voltage rise)
1000
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=500us
tp = 10ms
10
5
1
W
Idav
Idavm
oC
TVJ
TVJM
Tstg
-40...+125
125
-40...+125
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
2500
3000
V~
Md
Mounting torque (M6)
(10-32 UNF)
_
Nm/lb.in.
Weight
305
g
TVJ=125oC
repetitive, IT=50A
f=50Hz, tp=200us
VD=2/3VDRM
IG=0.3A
non repetitive, IT=1/2
diG/dt=0.3A/us
IFRMS,ITRMS
2t
. Idav
5 ± 15 %
44 ± 15 %
typical
S3PHB180G08B
S3PHB180G12B
S3PHB180G16B
S3PHB180G18B
V
800
1200
1600
1800
V
900
1300
1700
1900
S3PHBD180G08B
S3PHBD180G12B
S3PHBD180G16B
S3PHBD180G18B
S3PFB180G08B
S3PFB180G12B
S3PFB180G16B
S3PFB180G18B
Symbol
Test Conditions
Maximum Ratings
Unit
Tc=85oC, module
module
per leg
180
180
89
A
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
1500
1600
1350
1450
A
IFSM,ITSM
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
11200
10750
9100
8830
A2s
I
(di/dt) cr
150
500
A/us
(dv/dt) cr T
VJ
=TVJM;
VDR=2/3VDRM
RGK= ; method 1 (linear voltage rise)
1000
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=500us
tp = 10ms
10
5
1
W
Idav
Idavm
oC
TVJ
TVJM
Tstg
-40...+125
125
-40...+125
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
2500
3000
V~
Md
Mounting torque (M6)
(10-32 UNF)
_
Nm/lb.in.
Weight
305
g
TVJ=125oC
repetitive, IT=50A
f=50Hz, tp=200us
VD=2/3VDRM
IG=0.3A
non repetitive, IT=1/2
diG/dt=0.3A/us
IFRMS,ITRMS
2t
. Idav
5 ± 15 %
44 ± 15 %
typical
S3PHBD180
S3PFB180
S3PHB180
-
+
-
+
-
+
C D E
~ ~ ~
C D E
~ ~ ~
C D E
~ ~ ~
M6x10
C~
D~
E ~
A+
B-
12
25
66
26
26
72
80
94
4
5
6
3
1
2
7
2.8 x 0.8
M6
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S3PFB180G08B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PFB110G08B SIRECTIFIER-S3PFB110G08B Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PFB110G12B SIRECTIFIER-S3PFB110G12B Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PFB110G16B SIRECTIFIER-S3PFB110G16B Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PFB110G18B SIRECTIFIER-S3PFB110G18B Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
More results

Similar Description - S3PFB180G08B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB70 SIRECTIFIER-S3PHB70_16 Datasheet
241Kb / 2P
   Three Phase Half Controlled Bridge Modules
logo
IXYS Corporation
VVZ40 IXYS-VVZ40 Datasheet
51Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
VVZ12-16IO1 IXYS-VVZ12-16IO1 Datasheet
43Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
VVZ24 IXYS-VVZ24 Datasheet
146Kb / 3P
   Three Phase Half Controlled Rectifier Bridge
logo
Powersem GmbH
PSDH39 POWERSEM-PSDH39 Datasheet
151Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
logo
IXYS Corporation
VVZ24-12IO1 IXYS-VVZ24-12IO1 Datasheet
75Kb / 3P
   Three Phase Half Controlled Rectifier Bridge
logo
Sirectifier Semiconduct...
S1PHB50GKXXB SIRECTIFIER-S1PHB50GKXXB Datasheet
258Kb / 3P
   Single Phase Half Controlled Bridge Modules
S1PHB75GKXXB SIRECTIFIER-S1PHB75GKXXB Datasheet
259Kb / 3P
   Single Phase Half Controlled Bridge Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com