Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT253GK22BT Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # STT253GK22BT
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT253GK22BT Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  STT253GK22BT Datasheet HTML 1Page - Sirectifier Semiconductors STT253GK22BT Datasheet HTML 2Page - Sirectifier Semiconductors STT253GK22BT Datasheet HTML 3Page - Sirectifier Semiconductors STT253GK22BT Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STT253GKXXBT
Thyristor-Thyristor Modules
Fig. 2a Maximum forward current
at case temperature
Fig. 3 Power dissipation versus on-state current and ambient temperature
(per thyristor or diode)
Fig. 5 Three phase rectifier bridge: Power dissipation versus direct output current
and ambient temperature
Fig. 1 Surge overload current
I
TSM, IFSM: Crest value, t: duration
Fig. 4 Gate trigger characteristics
Fig. 6 Gate trigger delay time
Fig. 2 i2t versus time (1-10 ms)
3XSTT253
TC
0
25
50
75
100
125
150
0
100
200
300
400
500
600
A
°C
ITAVM
I
FAVM
180° sin
120°
60°
30°
DC
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - STT253GK22BT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STT253GK08 SIRECTIFIER-STT253GK08 Datasheet
256Kb / 4P
   Thyristor-Thyristor Modules
STT253GK12 SIRECTIFIER-STT253GK12 Datasheet
256Kb / 4P
   Thyristor-Thyristor Modules
STT253GK14 SIRECTIFIER-STT253GK14 Datasheet
256Kb / 4P
   Thyristor-Thyristor Modules
STT253GK16 SIRECTIFIER-STT253GK16 Datasheet
256Kb / 4P
   Thyristor-Thyristor Modules
STT253GK18 SIRECTIFIER-STT253GK18 Datasheet
256Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT253GK22BT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com