Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT320GKXXBT Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # STT320GKXXBT
Description  Thyristor-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STT320GKXXBT Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  STT320GKXXBT Datasheet HTML 1Page - Sirectifier Semiconductors STT320GKXXBT Datasheet HTML 2Page - Sirectifier Semiconductors STT320GKXXBT Datasheet HTML 3Page - Sirectifier Semiconductors STT320GKXXBT Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STT320GKXXBT
Thyristor-Thyristor Modules
Fig. 1 Gate trigger characteristics
10-3
10-2
10-1
100
101
102
0.1
1
10
IG
VG
A
1: IGT, TVJ = 140 C
2: IGT, TVJ = 25 C
3: IGT, TVJ = -40 C
V
4: PGM = 20 W
5: PGM = 60 W
6: PGM = 120 W
IGD, TVJ = 140 C
4
2
1
5
6
3
Fig. 2 Gate trigger delay time
0.01
0.1
1
10
1
10
100
A
IG
µs
tgd
Limit
typ.
TVJ = 25 C
0.001
0.01
0.1
1
0
2000
4000
6000
8000
10000
s
t
ITSM
A
80 % VRRM
TVJ = 45°C
50 Hz
TVJ = 140°C
Fig. 3 Surge overload current
I
TSM, IFSM: Crest value, t: duration
1
10
104
105
106
I2t
TC
t
ms
A2s
0
25
50
75
100
125
150
0
100
200
300
400
500
600
A
°C
TVJ = 140°C
TVJ = 45°C
ITAVM
I
FAVM
180° sin
120°
60°
30°
DC
VR = 0V
Fig. 4 I2t versus time (1-10 ms)
Fig. 4a Maximum forward current
at case temperature
0
100
200
300
400
500
0
100
200
300
400
500
600
0
25
50
75
100
125
150
I
TAVM / IFAVM
T
A
W
P
tot
A
°C
0.6
0.8
0.1
0.2
0.3
0.4
R
thKA K/W
0.06
180° sin
120°
60°
30°
DC
Fig. 5 Power dissipation versus on-
state current and ambient
temperature (per thyristor or
diode)
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - STT320GKXXBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT320GK08 ETC-STT320GK08 Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GK08 SIRECTIFIER-STT320GK08 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
logo
List of Unclassifed Man...
STT320GK12 ETC-STT320GK12 Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GK12 SIRECTIFIER-STT320GK12 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
logo
List of Unclassifed Man...
STT320GK14 ETC-STT320GK14 Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT320GKXXBT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com