Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STYN1230 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # STYN1230
Description  Thyristor Discretes (SCRs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN1230 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  STYN1230 Datasheet HTML 1Page - Sirectifier Semiconductors STYN1230 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STYN230 thru STYN1830
Symbol
Test Conditions
Characteristic Values
Unit
V
VT
IT=30A; TVJ=25oC
1.60
VTO
For power-loss calculations only (TVJ=125oC)
0.85
V
rT
27
m
VD=6V;
TVJ=25oC
TVJ=-40oC
VGT
1.5
2.5
V
VD=6V;
TVJ=25oC
TVJ=-40oC
IGT
25
50
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
3
mA
IH
TVJ=25oC; VD=6V; RGK=
50
mA
TVJ=25oC; tp=10us;
IG=0.1A; diG/dt=0.1A/us
75
mA
IL
DC current
RthJC
1.0
K/W
DC current
RthJH
0.25
K/W
a
Max. acceleration, 50 Hz
50
m/s2
IR, ID
TVJ=TVJM; VR=VRRM; VD=VDRM
5
mA
TVJ=25oC; VD=1/2VDRM
IG=0.1A; diG/dt=0.1A/us
tgd
2
us
typ.
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com
1.50
STYN230~830 STYN1030~1830
Thyristor Discretes (SCRs)


Similar Part No. - STYN1230

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN12110 SIRECTIFIER-STYN12110 Datasheet
324Kb / 2P
   Thyristor Discretes (SCRs)
STYN12140 SIRECTIFIER-STYN12140 Datasheet
340Kb / 2P
   Thyristor Discretes (SCRs)
STYN1255 SIRECTIFIER-STYN1255 Datasheet
316Kb / 2P
   Thyristor Discretes (SCRs)
STYN1265 SIRECTIFIER-STYN1265 Datasheet
374Kb / 3P
   Thyristor Discretes (SCRs)
STYN1275 SIRECTIFIER-STYN1275 Datasheet
405Kb / 3P
   Thyristor Discretes (SCRs)
More results

Similar Description - STYN1230

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN210 SIRECTIFIER-STYN210_16 Datasheet
318Kb / 2P
   Thyristor Discretes(SCRs)
STYN208 SIRECTIFIER-STYN208_16 Datasheet
324Kb / 2P
   Thyristor Discretes(SCRs)
STYN875 SIRECTIFIER-STYN875 Datasheet
405Kb / 3P
   Thyristor Discretes (SCRs)
STYN212 SIRECTIFIER-STYN212_16 Datasheet
307Kb / 2P
   Thyristor Discretes(SCRs)
STYN8110 SIRECTIFIER-STYN8110 Datasheet
324Kb / 2P
   Thyristor Discretes (SCRs)
STYN225 SIRECTIFIER-STYN225_16 Datasheet
305Kb / 2P
   Thyristor Discretes(SCRs)
STYN808 SIRECTIFIER-STYN808 Datasheet
324Kb / 2P
   Thyristor Discretes(SCRs)
STYN608 SIRECTIFIER-STYN608 Datasheet
324Kb / 2P
   Thyristor Discretes(SCRs)
STYN216 SIRECTIFIER-STYN216_16 Datasheet
385Kb / 2P
   Thyristor Discretes(SCRs)
STYN255 SIRECTIFIER-STYN255_16 Datasheet
316Kb / 2P
   Thyristor Discretes (SCRs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com