Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STYN208 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # STYN208
Description  Thyristor Discretes(SCRs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN208 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  STYN208 Datasheet HTML 1Page - Sirectifier Semiconductors STYN208 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STYN208(S) thru STYN1008(S)
Thyristor
Discretes(SCRs)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tc = 110°C
8
A
IT(AV)
Average on-state current (180° conduction angle)
Tc = 110°C
5
A
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
100
A
tp = 10 ms
95
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
45
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr £ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage
5
V
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com
Dimensions TO-220AB
G
A
A
K
G
ABSOLUTE RATINGS (
limiting values)
Dimensions TO-263(D
2PAK)
K
A
G
REF.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.25
1.40
0.048
0.055
C
0.45
0.60
0.017
0.024
C2
1.21
1.36
0.047
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.28
0.393
0.405
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
R
0.40
0.016
V2
G
L
L3
L2
B
B2
E
2mm min.
FLAT ZONE
A
C2
D
R
A2
V2
C
A1
REF.


Similar Part No. - STYN208

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN208 SIRECTIFIER-STYN208 Datasheet
202Kb / 2P
   Discrete Thyristors(SCRs)
STYN208S SIRECTIFIER-STYN208S Datasheet
202Kb / 2P
   Discrete Thyristors(SCRs)
More results

Similar Description - STYN208

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STYN210 SIRECTIFIER-STYN210_16 Datasheet
318Kb / 2P
   Thyristor Discretes(SCRs)
STYN875 SIRECTIFIER-STYN875 Datasheet
405Kb / 3P
   Thyristor Discretes (SCRs)
STYN212 SIRECTIFIER-STYN212_16 Datasheet
307Kb / 2P
   Thyristor Discretes(SCRs)
STYN8110 SIRECTIFIER-STYN8110 Datasheet
324Kb / 2P
   Thyristor Discretes (SCRs)
STYN230 SIRECTIFIER-STYN230_16 Datasheet
318Kb / 2P
   Thyristor Discretes (SCRs)
STYN225 SIRECTIFIER-STYN225_16 Datasheet
305Kb / 2P
   Thyristor Discretes(SCRs)
STYN808 SIRECTIFIER-STYN808 Datasheet
324Kb / 2P
   Thyristor Discretes(SCRs)
STYN608 SIRECTIFIER-STYN608 Datasheet
324Kb / 2P
   Thyristor Discretes(SCRs)
STYN216 SIRECTIFIER-STYN216_16 Datasheet
385Kb / 2P
   Thyristor Discretes(SCRs)
STYN255 SIRECTIFIER-STYN255_16 Datasheet
316Kb / 2P
   Thyristor Discretes (SCRs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com