Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4455-B1A-FM Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI4455-B1A-FM
Description  EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4455-B1A-FM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4455-B1A-FM Datasheet HTML 6Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 7Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 8Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 9Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 10Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 11Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 12Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 13Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Si4455
10
Rev 1.1
Table 8. Thermal Characteristics
Parameter
Symbol
Test Condition
Max Value
Unit
Thermal Resistance Junction to Ambient
φJA
Still Air
30
°C/W
Junction Temperature
TJ
92
°C
Table 9. Absolute Maximum Ratings
Parameter
Value
Unit
VDD to GND
–0.3, +3.6
V
Voltage on Digital Control Inputs
–0.3, VDD + 0.3
V
Voltage on Analog Inputs
–0.3, VDD + 0.3
V
RX Input Power
+10
dBm
Operating Ambient Temperature Range TA
–40 to +85
C
Storage Temperature Range TSTG
–55 to +125
C
Note:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at or beyond these ratings in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. The Power Amplifier may be damaged if switched on without proper load or termination connected.
TX matching network design will influence TX VRF-peak on TX output pin. Caution: ESD sensitive device.


Similar Part No. - SI4455-B1A-FM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4455-2 SILABS-SI4455-2 Datasheet
325Kb / 9P
   The kits support use of the Wireless Development Suite
Si4455-C2A-GM SILABS-Si4455-C2A-GM Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
SI4455-C2A-GMR SILABS-SI4455-C2A-GMR Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
More results

Similar Description - SI4455-B1A-FM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4355 SILABS-SI4355 Datasheet
275Kb / 34P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
SI4455-C2A-GMR SILABS-SI4455-C2A-GMR Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
logo
Analog Devices
ADF7024 AD-ADF7024 Datasheet
603Kb / 24P
   Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
   Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com