Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL9315 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL9315
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL9315 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL9315 Datasheet HTML 1Page - Pulse A Technitrol Company PL9315 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 215 781 6400 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
M120.A (3/07)
SMT POWER INDUCTORS
Shielded Drum Core - PL93XX Series
TYP
.118
3,00
TYP
.047
1,20
MAX
.157
4,00
.410
10,41
MAX
.410
10,41
MAX
SUGGESTED PAD LAYOUT
.421
10,70
TYP
.421
10,70TYP
.287
7,30TYP
.126
3,20TYP
.126
3,20
TYP
.287
7,30
TYP
.067
1,70TYP
.067
1,70TYP
1
2
Mechanical
Schematic
Weight . . . . . . . . 2.5 grams
Tape & Reel . . . . . . 400/reel
Part
Inductance
Irated 2
DCR (m
Ω)
Inductance
Saturation 3
Heating 4
Numbers
@Irated
(A)
@0ADC
Current
Current
(
μH TYP)
TYP
MAX
(
μH)
(A) @25°C
(A)
PL9301
0.62
7.60
4.2
5.5
0.68±25%
10.00
7.60
PL9302
1.2
7.10
5.6
7.3
1.3±25%
8.00
7.10
PL9303
1.9
5.80
8.4
10.9
2.2±25%
6.15
5.80
PL9304
2.8
5.20
10.2
13.3
3.3±25%
5.80
5.20
PL9305
4.0
4.70
15.1
19.6
4.7±25%
5.40
4.70
PL9306
5.4
3.70
20.8
27.0
6.0±25%
4.50
3.70
PL9307
6.9
3.50
23.7
30.8
7.6±25%
4.00
3.50
PL9308
8.0
3.40
26.5
33.2
10±20%
3.80
3.40
PL9309
11
3.00
36.1
45.2
12±20%
3.40
3.00
PL9310
12
2.80
39.5
49.4
15±20%
3.10
2.80
PL9311
19
2.30
62
77
22±20%
2.80
2.30
PL9312
25
2.10
71
89
27±20%
2.30
2.10
PL9313
38
1.65
113
142
47±20%
2.10
1.65
PL9314
55
1.32
170
212
68±20%
1.50
1.32
PL9315
83
1.10
262
328
100±20%
1.35
1.10
PL9316
123
0.88
400
500
150±20%
1.15
0.88
PL9317
178
0.73
591
739
220±20%
0.92
0.73
PL9318
278
0.60
906
1133
330±20%
0.70
0.60
*Inductance at 0ADC tolerance on indicated part numbers is ±30%; tolerance is ±20% on all other parts. Optional Tape & Reel packaging
can be ordered by adding a "T" suffix to the part number (i.e. PL9301 becomes PL9301T).
NOTES FROM TABLE: (See back page)
Electrical Specifications @ 25°C — Operating Temperature - 55°C to +130°C
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
NOTE: Pin 3 and Pin 4 are for
mechanical connection only.
Height: 0.157 inches (4.0mm) Max
Footprint: 0.410 inches x 0.410 inches (10.5mm x 10.5mm) Max
Inductance Range: 0.62µH to 278µH
Current Rating: up to 7.6A
TAPE & REEL
LAYOUT
USER DIRECTION
OF FEED
4
3
1
2
.421
10,70
.165 ± .008
4.20 ± 0,20
.181
4,60
.260
6,60
Ø
.177
4,50
Ø
.630
16,00
.945 ± .012
24.00 ± 0,30
.421
10,70
PL93XX
Date Code
Country of Origin
PL93XX
Date Code
Country of Origin
PL93XX
Date Code
Country of Origin
4
3
1
2
4
3
1
2


Similar Part No. - PL9315

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PL9 DBLECTRO-PL9 Datasheet
369Kb / 2P
   Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
Micrel Semiconductor
PL902150USY MICREL-PL902150USY Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902150USYTR MICREL-PL902150USYTR Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
logo
Microchip Technology
PL902XXXUSY MICROCHIP-PL902XXXUSY Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
More results

Similar Description - PL9315

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com