Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI3552DV Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SI3552DV
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3552DV Datasheet(HTML) 5 Page - Vishay Siliconix

  SI3552DV Datasheet HTML 1Page - Vishay Siliconix SI3552DV Datasheet HTML 2Page - Vishay Siliconix SI3552DV Datasheet HTML 3Page - Vishay Siliconix SI3552DV Datasheet HTML 4Page - Vishay Siliconix SI3552DV Datasheet HTML 5Page - Vishay Siliconix SI3552DV Datasheet HTML 6Page - Vishay Siliconix SI3552DV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Si3552DV
Vishay Siliconix
New Product
Document Number: 70971
S-61831—Rev. A, 23-Aug-99
www.vishay.com
S FaxBack 408-970-5600
2-5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N-CHANNEL
10–3
10–2
110
10–1
10–4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P-CHANNEL
0
2
4
6
8
10
012345
0
0.1
0.2
0.3
0.4
0.5
0.6
01234567
0
60
120
180
240
300
0
6
12
18
24
30
0
2
4
6
8
0123456
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
VDS – Drain-to-Source Voltage (V)
ID – Drain Current (A)
Capacitance
VGS = 10 thru 7 V
2 V
TC = –55_C
125
_C
VGS = 10 V
VGS = 4.5 V
Crss
Coss
Ciss
3 V
4 V
5 V
6 V
25
_C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn