Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI3552DV Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI3552DV
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3552DV Datasheet(HTML) 4 Page - Vishay Siliconix

  SI3552DV Datasheet HTML 1Page - Vishay Siliconix SI3552DV Datasheet HTML 2Page - Vishay Siliconix SI3552DV Datasheet HTML 3Page - Vishay Siliconix SI3552DV Datasheet HTML 4Page - Vishay Siliconix SI3552DV Datasheet HTML 5Page - Vishay Siliconix SI3552DV Datasheet HTML 6Page - Vishay Siliconix SI3552DV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Si3552DV
Vishay Siliconix
New Product
www.vishay.com
S FaxBack 408-970-5600
2-4
Document Number: 70971
S-61831—Rev. A, 23-Aug-99
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N-CHANNEL
0.01
0
1
6
8
2
4
10
30
0.1
Single Pulse Power (Junction-to-Ambient)
Time (sec)
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
1.0
1.2
0
0.08
0.16
0.24
0.32
0.40
02468
10
0.1
1
10
ID = 2.5 A
0.00
0.2
0.4
0.6
0.8
TJ = 25_C
TJ = 150_C
Threshold Voltage
TJ – Temperature (_C)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–3
10–2
1
10
600
10–1
10–4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 130_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
ID = 2 A


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI3590DV N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4544DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6543DQ Dual N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4558DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6544DQ N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4539ADY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4532ADY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI2303BDS P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI1433DH P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn