Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI3552DV Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI3552DV
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3552DV Datasheet(HTML) 3 Page - Vishay Siliconix

  SI3552DV Datasheet HTML 1Page - Vishay Siliconix SI3552DV Datasheet HTML 2Page - Vishay Siliconix SI3552DV Datasheet HTML 3Page - Vishay Siliconix SI3552DV Datasheet HTML 4Page - Vishay Siliconix SI3552DV Datasheet HTML 5Page - Vishay Siliconix SI3552DV Datasheet HTML 6Page - Vishay Siliconix SI3552DV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Si3552DV
Vishay Siliconix
New Product
Document Number: 70971
S-61831—Rev. A, 23-Aug-99
www.vishay.com
S FaxBack 408-970-5600
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N-CHANNEL
0
2
4
6
8
10
0123456
0
2
4
6
8
10
012345
0
2
4
6
8
10
012
34
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–50
–25
0
25
50
75
100
125
150
0
0.05
0.10
0.15
0.20
0.25
01234567
0
50
100
150
200
250
300
0
5
10
15
20
25
30
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS = 10 thru 5 V
VGS – Gate-to-Source Voltage (V)
25
_C
TC = –55_C
Qg – Total Gate Charge (nC)
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
VGS = 10 V
VGS = 4.5 V
4 V
3 V
125
_C
VDS = 15 V
ID = 1.8 A
VGS = 10 V
ID = 2.5 A
2V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI3590DV N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4544DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6543DQ Dual N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4558DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6544DQ N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4539ADY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4532ADY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI2303BDS P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI1433DH P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn