Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI3552DV Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. SI3552DV
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3552DV Datasheet(HTML) 6 Page - Vishay Siliconix

  SI3552DV Datasheet HTML 1Page - Vishay Siliconix SI3552DV Datasheet HTML 2Page - Vishay Siliconix SI3552DV Datasheet HTML 3Page - Vishay Siliconix SI3552DV Datasheet HTML 4Page - Vishay Siliconix SI3552DV Datasheet HTML 5Page - Vishay Siliconix SI3552DV Datasheet HTML 6Page - Vishay Siliconix SI3552DV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Si3552DV
Vishay Siliconix
New Product
www.vishay.com
S FaxBack 408-970-5600
2-6
Document Number: 70971
S-61831—Rev. A, 23-Aug-99
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P-CHANNEL
1.2
1.5
0.1
1
10
0.00
0.3
0.6
0.9
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD – Source-to-Drain Voltage (V)
–0.4
–0.2
0.0
0.2
0.4
0.6
–50
–25
0
25
50
75
100
125
150
0
0.1
0.2
0.3
0.4
0.5
0.6
024
68
10
VGS – Gate-to-Source Voltage (V)
0
2
4
6
8
10
012345
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–50
–25
0
25
50
75
100
125
150
Gate Charge
Qg – Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
VGS = 10 V
ID = 1.8 A
TJ – Junction Temperature (_C)
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
TJ – Temperature (_C)
ID = 250 mA
VDS = 15 V
ID = 1.8 A
ID = 1.8 A
ID = 1 A
0.01
0
1
6
8
2
4
10
30
0.1
Single Pulse Power (Junction-to-Ambient)
Time (sec)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn