Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFU15NM65N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STFU15NM65N
Description  N-channel 650 V, 0.35typ., 12 A MDmesh??II Power MOSFET in a TO-220FP ultra narrow leads package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU15NM65N Datasheet(HTML) 3 Page - STMicroelectronics

  STFU15NM65N Datasheet HTML 1Page - STMicroelectronics STFU15NM65N Datasheet HTML 2Page - STMicroelectronics STFU15NM65N Datasheet HTML 3Page - STMicroelectronics STFU15NM65N Datasheet HTML 4Page - STMicroelectronics STFU15NM65N Datasheet HTML 5Page - STMicroelectronics STFU15NM65N Datasheet HTML 6Page - STMicroelectronics STFU15NM65N Datasheet HTML 7Page - STMicroelectronics STFU15NM65N Datasheet HTML 8Page - STMicroelectronics STFU15NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STFU15NM65N
Electrical ratings
DocID027631 Rev 2
3/12
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
650
V
VGS
Gate source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
12(1)
A
Drain current (continuous) at TC = 100 °C
7.56
IDM(2)
Drain current (pulsed)
48
A
PTOT
Total dissipation at TC = 25 °C
30
W
VISO
Insulation withstand voltage (RMS) from all three leads to
external heat sink (t = 1 s; TC = 25 °C)
2500
V
dv/dt (3)
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Operating junction temperature
Notes:
(1)Limited by maximum junction temperature.
(2)Pulse width limited by safe operating area.
(3)ISD ≤ 12 A, di/dt ≤ 400 A/µs; VDSpeak ≤ V(BR)DSS, VDD = 80% V(BR)DSS.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
4.17
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive
(pulse width limited by Tjmax)
3
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR; VDD = 50 V)
187
mJ


Similar Part No. - STFU15NM65N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STFU15NM65N ISC-STFU15NM65N Datasheet
294Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STFU15NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
   N-channel 650 V, 0.37 廓 typ., 10 A MDmesh??M2 Power MOSFET in a TO-220FP ultra narrow leads package
May 2015 Rev 1
STFU13N80K5 STMICROELECTRONICS-STFU13N80K5 Datasheet
754Kb / 13P
   N-channel 800 V, 0.37 廓 typ., 12 A MDmesh??K5 Power MOSFET in a TO-220FP ultra narrow leads package
October 2015 Rev 1
STFU9N65M2 STMICROELECTRONICS-STFU9N65M2 Datasheet
462Kb / 12P
   N-channel 650 V, 0.79 typ., 5 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
June 2019 Rev 3
STFU11N65M2 STMICROELECTRONICS-STFU11N65M2 Datasheet
454Kb / 12P
   N-channel 650 V, 0.60 typ., 7 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
June 2019 Rev 2
STFU15N80K5 STMICROELECTRONICS-STFU15N80K5 Datasheet
902Kb / 13P
   N-channel 800 V, 0.3 廓 typ., 14 A MDmesh??K5 Power MOSFET in a TO-220FP ultra narrow leads package
August 2013 Rev 1
STF15NM65N STMICROELECTRONICS-STF15NM65N_V01 Datasheet
923Kb / 15P
   N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2016
STFU24N60M2 STMICROELECTRONICS-STFU24N60M2 Datasheet
692Kb / 12P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh??M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU13N60M2 STMICROELECTRONICS-STFU13N60M2 Datasheet
655Kb / 12P
   N-channel 600 V, 0.35 typ., 11 A MDmeshTM M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU18N60M2 STMICROELECTRONICS-STFU18N60M2 Datasheet
513Kb / 12P
   N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
June 2019 Rev 3
STFU14N80K5 STMICROELECTRONICS-STFU14N80K5 Datasheet
459Kb / 12P
   N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220FP ultra narrow leads package
Rev 1 - January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com