Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLWRB4253A Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SLWRB4253A
Description  EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SLWRB4253A Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SLWRB4253A Datasheet HTML 17Page - Silicon Laboratories SLWRB4253A Datasheet HTML 18Page - Silicon Laboratories SLWRB4253A Datasheet HTML 19Page - Silicon Laboratories SLWRB4253A Datasheet HTML 20Page - Silicon Laboratories SLWRB4253A Datasheet HTML 21Page - Silicon Laboratories SLWRB4253A Datasheet HTML 22Page - Silicon Laboratories SLWRB4253A Datasheet HTML 23Page - Silicon Laboratories SLWRB4253A Datasheet HTML 24Page - Silicon Laboratories SLWRB4253A Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 183 page
background image
4.1.1 Absolute Maximum Ratings
Stresses above those listed below may cause permanent damage to the device. This is a stress rating only and functional operation of
the devices at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect device reliability. For more information on the available quality and relia-
bility data, see the Quality and Reliability Monitor Report at http://www.silabs.com/support/quality/pages/default.aspx.
Table 4.1. Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Storage temperature range
TSTG
-50
150
°C
Voltage on any supply pin
VDDMAX
-0.3
3.8
V
Voltage ramp rate on any
supply pin
VDDRAMPMAX
1
V / μs
DC voltage on any GPIO pin VDIGPIN
5V tolerant GPIO pins1
-0.3
Min of 5.25
and IOVDD
+2
V
Non-5V tolerant GPIO pins
-0.3
IOVDD+0.3
V
Voltage on HFXO pins
VHFXOPIN
-0.3
1.4
V
Input RF level on pins
2G4RF_IOP and
2G4RF_ION
PRFMAX2G4
10
dBm
Voltage differential between
RF pins (2G4RF_IOP -
2G4RF_ION)
VMAXDIFF2G4
-50
50
mV
Absolute voltage on RF pins
2G4RF_IOP and
2G4RF_ION
VMAX2G4
-0.3
3.3
V
Absolute voltage on Sub-
GHz RF pins
VMAXSUBG
Pins SUBGRF_OP and
SUBGRF_ON
-0.3
3.3
V
Pins SUBGRF_IP and
SUBGRF_IN,
-0.3
0.3
V
Total current into VDD power
lines
IVDDMAX
Source
200
mA
Total current into VSS
ground lines
IVSSMAX
Sink
200
mA
Sink
200
mA
Current per I/O pin
IIOMAX
Sink
50
mA
Source
50
mA
Current for all I/O pins
IIOALLMAX
Sink
200
mA
Source
200
mA
Junction temperature
TJ
-G grade devices
-40
105
°C
Note:
1. When a GPIO pin is routed to the analog module through the APORT, the maximum voltage = IOVDD.
EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.0 | 16


Similar Part No. - SLWRB4253A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWRB4255A SILABS-SLWRB4255A Datasheet
1Mb / 34P
   UG284: EFR32FG13 2400/915 MHz 19 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4256A SILABS-SLWRB4256A Datasheet
1Mb / 34P
   UG285: EFR32FG13 2400/868 MHz 10 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4257A SILABS-SLWRB4257A Datasheet
1Mb / 34P
   UG317: EFR32FG14 2400/915 MHz 19 dBm Dual Band Radio Board and Wireless Starter Kit
Rev. 1.00
SLWRB4257B SILABS-SLWRB4257B Datasheet
1Mb / 34P
   UG318: EFR32FG14 2400/868 MHz 13 dBm Dual Band Radio Board and Wireless Starter Kit
Rev. 1.00
SLWRB4259A SILABS-SLWRB4259A Datasheet
1Mb / 34P
   UG321: EFR32FG14 2400/434 MHz 10 dBm Dual Band Radio Board and Wireless Starter Kit
Rev. 1.00
More results

Similar Description - SLWRB4253A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32FG12 SILABS-EFR32FG12 Datasheet
3Mb / 225P
   EFR32FG12 Gecko Proprietary Protocol SoC Family
Rev. 1.8
EFR32FG1P132F64 SILABS-EFR32FG1P132F64 Datasheet
4Mb / 101P
   EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG14 SILABS-EFR32FG14 Datasheet
2Mb / 163P
   EFR32FG14 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32MG13 SILABS-EFR32MG13 Datasheet
2Mb / 194P
   EFR32MG13 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG12P432F SILABS-EFR32MG12P432F Datasheet
2Mb / 181P
   EFR32MG12 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
   EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com