Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLWRB4253A Datasheet(PDF) 67 Page - Silicon Laboratories

Part # SLWRB4253A
Description  EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SLWRB4253A Datasheet(HTML) 67 Page - Silicon Laboratories

Back Button SLWRB4253A Datasheet HTML 63Page - Silicon Laboratories SLWRB4253A Datasheet HTML 64Page - Silicon Laboratories SLWRB4253A Datasheet HTML 65Page - Silicon Laboratories SLWRB4253A Datasheet HTML 66Page - Silicon Laboratories SLWRB4253A Datasheet HTML 67Page - Silicon Laboratories SLWRB4253A Datasheet HTML 68Page - Silicon Laboratories SLWRB4253A Datasheet HTML 69Page - Silicon Laboratories SLWRB4253A Datasheet HTML 70Page - Silicon Laboratories SLWRB4253A Datasheet HTML 71Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 183 page
background image
4.1.10.10 Sub-GHz RF Receiver Characteristics for 315 MHz Band
Unless otherwise indicated, typical conditions are: T = 25 °C, VREGVDD = AVDD = IOVDD = 3.3 V, DVDD = RFVDD = PAVDD.
RFVDD and PAVDD path is filtered using ferrites. Crystal frequency=38.4 MHz. RF center frequency 315 MHz.
Table 4.29. Sub-GHz RF Receiver Characteristics for 315 MHz Band
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tuning frequency range
FRANGE
195
358
dBm
Max usable input level, 0.1%
BER
SAT2k4
Desired is reference 2.4 kbps
GFSK signal1
10
dBm
Max usable input level, 0.1%
BER
SAT38k4
Desired is reference 38.4 kbps
GFSK signal2
10
dBm
Sensitivity
SENS
Desired is reference 2.4 kbps
GFSK signal1, 0.1% BER
-123.2
-120.7
dBm
Desired is reference 38.4 kbps
GFSK signal2, 0.1% BER
-111.4
-108.6
dBm
Desired is reference 500 kbps
GFSK signal3, 0.1% BER
-98.8
-95.5
dBm
Level above which
RFSENSE will trigger4
RFSENSETRIG
CW at 315 MHz
-28.1
dBm
Level below which
RFSENSE will not trigger4
RFSENSETHRES CW at 315 MHz
-50
dBm
Adjacent channel selectivity,
Interferer is CW at ± 1 ×
channel-spacing
C/I1
Desired is 2.4 kbps GFSK signal1
at 3dB above sensitivity level,
0.1% BER
54.1
63.6
dB
Desired is 38.4kbps GFSK signal2
at 3dB above sensitivity level,
0.1% BER
49.9
dB
Alternate channel selectivity,
Interferer is CW at ± 2 ×
channel-spacing
C/I2
Desired is 2.4kbps GFSK signal1
at 3dB above sensitivity level,
0.1% BER
64.2
dB
Desired is 38.4kbps GFSK signal2
at 3dB above sensitivity level2,
0.1% BER
56.2
dB
Image rejection, Interferer is
CW at image frequency
C/IIMAGE
Desired is 2.4kbps GFSK signal1
at 3dB above sensitivity level,
0.1% BER
53
dB
Desired is 38.4kbps GFSK signal2
at 3dB above sensitivity level,
0.1% BER
51.4
dB
Blocking selectivity, 0.1%
BER. Desired is 2.4 kbps
GFSK signal1 at 3 dB above
sensitivity level
C/IBLOCKER
Interferer CW at Desired ± 1 MHz
75
dB
Interferer CW at Desired ± 2 MHz
76.5
dB
Interferer CW at Desired ± 10
MHz
72.6
91.9
dB
Upper limit of input power
range over which RSSI reso-
lution is maintained
RSSIMAX
5
dBm
EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.0 | 62


Similar Part No. - SLWRB4253A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWRB4255A SILABS-SLWRB4255A Datasheet
1Mb / 34P
   UG284: EFR32FG13 2400/915 MHz 19 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4256A SILABS-SLWRB4256A Datasheet
1Mb / 34P
   UG285: EFR32FG13 2400/868 MHz 10 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4257A SILABS-SLWRB4257A Datasheet
1Mb / 34P
   UG317: EFR32FG14 2400/915 MHz 19 dBm Dual Band Radio Board and Wireless Starter Kit
Rev. 1.00
SLWRB4257B SILABS-SLWRB4257B Datasheet
1Mb / 34P
   UG318: EFR32FG14 2400/868 MHz 13 dBm Dual Band Radio Board and Wireless Starter Kit
Rev. 1.00
SLWRB4259A SILABS-SLWRB4259A Datasheet
1Mb / 34P
   UG321: EFR32FG14 2400/434 MHz 10 dBm Dual Band Radio Board and Wireless Starter Kit
Rev. 1.00
More results

Similar Description - SLWRB4253A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32FG12 SILABS-EFR32FG12 Datasheet
3Mb / 225P
   EFR32FG12 Gecko Proprietary Protocol SoC Family
Rev. 1.8
EFR32FG1P132F64 SILABS-EFR32FG1P132F64 Datasheet
4Mb / 101P
   EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG14 SILABS-EFR32FG14 Datasheet
2Mb / 163P
   EFR32FG14 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32MG13 SILABS-EFR32MG13 Datasheet
2Mb / 194P
   EFR32MG13 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG12P432F SILABS-EFR32MG12P432F Datasheet
2Mb / 181P
   EFR32MG12 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
   EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com