Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1413EDH Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI1413EDH
Description  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1413EDH Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1413EDH Datasheet HTML 1Page - Vishay Siliconix SI1413EDH Datasheet HTML 2Page - Vishay Siliconix SI1413EDH Datasheet HTML 3Page - Vishay Siliconix SI1413EDH Datasheet HTML 4Page - Vishay Siliconix SI1413EDH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si1413EDH
Vishay Siliconix
New Product
Document Number: 71396
S-03186—Rev. A, 05-Mar-01
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.1
0.2
0.3
0.4
0.5
0.0
1.5
3.0
4.5
6.0
7.5
0
2
4
6
8
0
1234
5
0
1
2
3
4
5
0.0
1.5
3.0
4.5
6.0
7.5
0.6
0.8
1.0
1.2
1.4
1.6
–50
–25
0
25
50
75
100
125
150
0
200
400
600
800
1000
04
8
12
16
20
VGS = 5 thru 2.5 V
25
_C
TC = –55_C
Crss
Coss
Ciss
VDS = 10 V
ID = –2.9 A
VGS = 4.5 V
ID = –2.9 A
VGS = 4.5 V
VGS = 2.5 V
125
_C
1.5 V
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
VDS – Drain-to-Source Voltage (V)
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
VGS = 1.8 V
2 V
1 V


Similar Part No. - SI1413EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1413EDH VISHAY-SI1413EDH Datasheet
70Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1413EDH VISHAY-SI1413EDH Datasheet
108Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 27-Jul-05
logo
VBsemi Electronics Co.,...
SI1413EDH-T1-GE3 VBSEMI-SI1413EDH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1413EDH VISHAY-SI1413EDH_05 Datasheet
108Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 27-Jul-05
SI1413EDH VISHAY-SI1413EDH_08 Datasheet
70Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
More results

Similar Description - SI1413EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com