Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHM-14S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHM-14S
Description  Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SHM-14S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHM-14S Datasheet HTML 1Page - List of Unclassifed Manufacturers SHM-14S Datasheet HTML 2Page - List of Unclassifed Manufacturers SHM-14S Datasheet HTML 3Page - List of Unclassifed Manufacturers SHM-14S Datasheet HTML 4Page - List of Unclassifed Manufacturers SHM-14S Datasheet HTML 5Page - List of Unclassifed Manufacturers SHM-14S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SHM-14
®
®
INPUTS
MIN.
TYP.
MAX.
UNITS
Input Voltage Range
–2.5
+2.5
Volts
Input Impedance
0.3
1
M
Digitals Inputs (Balanced ECL)
Logic Levels
Logic 1
–1.5
+1.8
Volts
Logic 0
–2.5
+0.8
Volts
Logic Loading
Logic 1
+10
+50
µA
Logic 0
–30
–150
µA
Output Voltage Range
–2.5
+2.5
Volts
Output Current
± 30
mA
Output Impedance (dc)
0.3
1
Stable Capacitive Load
50
pF
Nonlinearity (±1V)
+25°C
±0.0012
%
–40 to +85°C
±0.002
%
–55 to +125°C
±0.003
%
Sample Mode Offset
+25°C
±12
mV
–40 to +85°C
±20
mV
–55 to +125°C
±30
mV
Pedestal
+25°C
±3
mV
–40 to +85°C
±20
mV
–55 to +125°C
±20
mV
Gain, +25°C
+0.98
+0.995
V/V
Gain Drift (±1V)
–40 to +85°C
±20
ppm/°C
–55 to +125°C
±30
ppm/°C
Aperture Delay
–40 to +85°C
2
ns
–55 to +125°C
2
ns
Aperture Jitter
–40 to +85°C
1
ps rms
–55 to +125°C
1
ps rms
Harmonic Distortion (±1V)
dc to 1MHz
–72
dB
dc to 10MHz
+25°C
–58
dB
–40 to +85°C
–50
dB
–55 to +125°C
–48
dB
Acquisition Time (±0.012%, ±2V)
–40 to +85°C
25
ns
–55 to +125°C
35
ns
Acquisition Time (±0.024%, ±2V)
–40 to +85°C
20
35
ns
–55 to +125°C
25
40
ns
Acquisition Time (±0.05%, ±2V)
–40 to +85°C
19
30
ns
–55 to +125°C
20
35
ns
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+5V Supply
0 to +6
Volts
–5V Supply
0 to –6
Volts
Analog Input
+5V Supply –1
Volts
–5V Supply +1
Volts
Continuous Output Current
±50
mA
Digital Inputs
<Supply Voltages
Volts
Junction Temperature
+175
°C
Lead Temperature (10 seconds)
+300
°C
Output shorted to any supply will cause permanent damage.
OUTPUTS
PERFORMANCE
FUNCTIONAL SPECIFICATIONS
(Apply over the operating temperature range using a 100
Ω resistive load, 10pF
capacitive load, ECL digital input levels, and ±5V nominal supplies, unless specified.)
TECHNICAL NOTES
The SHM-14 employs an open loop architecture in order to
achieve its superior high-speed characteristics. The first stage
buffer amplifier, which charges the hold capacitor, incorporates the
sample-and-hold switch into its design. This technique allows for a
fast acquisition time which is not limited by slew current like the
traditional Schottky diode bridge switch. The output amplifier uses
a closed loop voltage feedback design which provides a low (0.3
Ω,
typical) output impedance. Gain and linearity are not affected by
heavy loads.
The design has been optimized to achieve the high accuracy associ-
ated with fast transient responses over the full military temperature
range. During the track-to-hold transient, the integral nonlinearity is
not affected and the pedestal remains constant over the full ±2.5V
input range.
An external hold capacitor can be added to the 15pF internal hold
capacitor to obtain a lower droop rate (the droop rate is propor-
tional to the inverse of the total hold capacitor value) without
increasing transient response times by more than few ns. Settling
and acquisition times are typically increased by 5ns and 10ns
respectively for 47pF and 100pF external hold capacitors. The
external hold capacitor should not exceed 100pF.
Acquisition Time (±0.1%, ±2V)
–40 to +85°C
10
16
ns
–55 to +125°C
10
19
ns
Hold Mode Settling (±0.012%)
–40 to +85°C
12
ns
–55 to +125°C
15
ns
Hold Mode Settling (±0.024%)
–40 to +85°C
7
18
ns
–55 to +125°C
7
18
ns
Hold Mode Settling (±0.05%)
–40 to +85°C
6
16
ns
–55 to +125°C
6
16
ns
Hold Mode Settling (±0.1%)
–40 to +85°C
5
12
ns
–55 to +125°C
5
12
ns
Slew Rate
±300
±430
V/µs
Full Power Bandwidth (±1V)
45
70
MHz
Small Signal Bandwidth
100
250
MHz
Output Noise, Hold Mode
65
µVrms
Feedthrough (2V Step)
–80
dB
Droop Rate
+25°C
±2
±6
mV/µs
–40 to +85°C
±5
±15
mV/µs
–55 to +125°C
±10
±30
mV/µs
Power Supply Range
+5V Supply
+4.5
+5
+5.5
Volts
–5V Supply
–5.5
–5
–4.5
Volts
Power Supply Current
+5V Supply
+17
+25
+30
mA
–5V Supply
–17
–25
–30
mA
Power Dissipation
170
250
300
mW
Power Supply Rejection Ratio
40
60
dB
Operating Temp. Range, Case
SHM-14S, SHM-14L
–40
+85
°C
SHM-14LM
–55
+125
°C
Storage Temperature Range
–65
+150
°C
Package Type
SHM-14S
16-Pin plastic SOIC
SHM-14L, SHM-14LM
20-Pin ceramic LCC
Footnotes:
• Short circuit protection at ±50mA.
ENVIRONMENTAL
POWER SUPPLY REQUIREMENTS
PERFORMANCE (Cont.)
MIN.
TYP.
MAX. UNITS
2


Similar Part No. - SHM-14S

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-14S MURATA-PS-SHM-14S Datasheet
155Kb / 6P
   Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
More results

Similar Description - SHM-14S

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-14 MURATA-PS-SHM-14 Datasheet
155Kb / 6P
   Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
List of Unclassifed Man...
SHM-12 ETC-SHM-12 Datasheet
153Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
logo
Murata Power Solutions ...
SHM-12 MURATA-PS-SHM-12 Datasheet
155Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
logo
DATEL, Inc.
SHM-14 DATEL-SHM-14 Datasheet
250Kb / 5P
   14-Bit Linear Sample-Hold Amplifi er
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com