Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB34NM60N Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB34NM60N
Description  Low gate input resistance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB34NM60N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB34NM60N Datasheet HTML 5Page - STMicroelectronics STB34NM60N Datasheet HTML 6Page - STMicroelectronics STB34NM60N Datasheet HTML 7Page - STMicroelectronics STB34NM60N Datasheet HTML 8Page - STMicroelectronics STB34NM60N Datasheet HTML 9Page - STMicroelectronics STB34NM60N Datasheet HTML 10Page - STMicroelectronics STB34NM60N Datasheet HTML 11Page - STMicroelectronics STB34NM60N Datasheet HTML 12Page - STMicroelectronics STB34NM60N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID17740 Rev 9
9/17
STB34NM60N, STP34NM60N
Package information
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.1
D2PAK package information
Figure 20. D²PAK (TO-263) outline


Similar Part No. - STB34NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB34NM60N ISC-STB34NM60N Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB34NM60ND STMICROELECTRONICS-STB34NM60ND Datasheet
1Mb / 22P
   N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
logo
Inchange Semiconductor ...
STB34NM60ND ISC-STB34NM60ND Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB34NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
   Low gate input resistance
February 2014 Rev 5
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
   Low Gate Input Resistance
logo
STMicroelectronics
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
   Low gate input resistance
February 2014 Rev 2
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
   Low gate input resistance
February 2013 Rev 2
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
   Low gate input resistance
June 2014 Rev 2
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
   Low gate input resistance
June 2015 Rev 3
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
   Low gate input resistance
January 2010 Rev 1
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
   Low gate input resistance
April 2014 Rev 1
STF18N60M2 STMICROELECTRONICS-STF18N60M2 Datasheet
1Mb / 13P
   Low gate input resistance
February 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com