Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2200UFH-266 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200UFH-266
Description  Thin Client On a Chip
Download  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200UFH-266 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button SC2200UFH-266 Datasheet HTML 7Page - National Semiconductor (TI) SC2200UFH-266 Datasheet HTML 8Page - National Semiconductor (TI) SC2200UFH-266 Datasheet HTML 9Page - National Semiconductor (TI) SC2200UFH-266 Datasheet HTML 10Page - National Semiconductor (TI) SC2200UFH-266 Datasheet HTML 11Page - National Semiconductor (TI) SC2200UFH-266 Datasheet HTML 12Page - National Semiconductor (TI) SC2200UFH-266 Datasheet HTML 13Page - National Semiconductor (TI) SC2200UFH-266 Datasheet HTML 14Page - National Semiconductor (TI) SC2200UFH-266 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 433 page
background image
Revision 3.0
11
www.national.com
Architecture Overview (Continued)
1.1
GX1 MODULE
The GX1 processor (silicon revision 8.1.1) is the central
module of the SC2200. For detailed information regarding
the GX1 module, refer to the G
eode GX1 Processor Series
datasheet and the Geode GX1 Processor Series Silicon
Revision 8.1.1 errata.
The SC2200’s device ID is contained in the GX1 module.
Software can detect the revision by reading the DIR0 and
DIR1 Configuration registers (see Configuration registers
in the G
eode GX1 Processor Series datasheet). The
SC2200 device errata contains the specific values.
1.1.1
Memory Controller
The GX1 module is connected to external SDRAM devices.
For more information see Section 2.4.2 "Memory Interface
Signals" on page 57, and the "Memory Controller" chapter
in the
GX1 Processor Series datasheet.
There are some differences in the SC2200’s memory con-
troller and the stand-alone GX1 processor’s memory con-
troller:
1)
There is drive strength/slew control in the SC2200 that
is not in the GX1. The bits that control this function are
in the MC_MEM_CNTRL1 and MC_MEM_CNTRL2
registers. In the GX1 processor, these bits are marked
as reserved.
2)
The SC2200 supports two banks of memory. The GX1
supports four banks of memory. In addition, the
SC2200 supports a maximum of eight devices and the
GX1 supports up to 32 devices. With this difference,
the MC_BANK_CFG register is different.
Table 1-1 summarizes the 32-bit registers contained in the
SC2200’s memory controller. Table 1-2 gives detailed reg-
ister/bit formats.
Table 1-1. SC2200 Memory Controller Register Summary
GX_BASE+
Memory Offset
Width
(Bits)
Type
Name/Function
Reset Value
8400h-8403h
32
R/W
MC_MEM_CNTRL1. Memory Controller Control Register 1
248C0040h
8404h-8407h
32
R/W
MC_MEM_CNTRL2. Memory Controller Control Register 2
00000801h
8408h-840Bh
32
R/W
MC_BANK_CFG. Memory Controller Bank Configuration
41104110h
840Ch-840Fh
32
R/W
MC_SYNC_TIM1. Memory Controller Synchronous Timing
Register 1
2A733225h
8414h-8417h
32
R/W
MC_GBASE_ADD. Memory Controller Graphics Base
Address Register
00000000h
8418h-841Bh
32
R/W
MC_DR_ADD. Memory Controller Dirty RAM Address
Register
00000000h
841Ch-841Fh
32
R/W
MC_DR_ACC. Memory Controller Dirty RAM Access
Register
0000000xh


Similar Part No. - SC2200UFH-266

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
   Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
SC2200-EVK MAXIM-SC2200-EVK Datasheet
698Kb / 10P
   Reduces System Power Consumption and OPEX
Rev 1; 10/17
SC2200-EVK1900 MAXIM-SC2200-EVK1900 Datasheet
698Kb / 10P
   Reduces System Power Consumption and OPEX
Rev 1; 10/17
SC2200-EVK2400 MAXIM-SC2200-EVK2400 Datasheet
698Kb / 10P
   Reduces System Power Consumption and OPEX
Rev 1; 10/17
SC2200-EVK900 MAXIM-SC2200-EVK900 Datasheet
698Kb / 10P
   Reduces System Power Consumption and OPEX
Rev 1; 10/17
More results

Similar Description - SC2200UFH-266

ManufacturerPart #DatasheetDescription
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
   Thin Client Terminals
logo
Toshiba Semiconductor
MQ01ACFXXX TOSHIBA-MQ01ACFXXX Datasheet
586Kb / 2P
   CLIENT MOBILE THIN HDD
Rev. 00
logo
Advantech Co., Ltd.
C-UNO-2173A ADVANTECH-C-UNO-2173A Datasheet
73Kb / 1P
   High Performance ACP Thin Client
logo
Toshiba Semiconductor
MQ02ABXXXXH TOSHIBA-MQ02ABXXXXH Datasheet
320Kb / 2P
   CLIENT MOBILE & MOBILE THIN HDD
logo
Advantech Co., Ltd.
TPC-2000 ADVANTECH-TPC-2000 Datasheet
607Kb / 2P
   Modular Industrial Thin-Client Panel Computer
5-Jan-2021
TPC-1751T-E3AE ADVANTECH-TPC-1751T-E3AE Datasheet
587Kb / 2P
   17" TFT LED LCD Intel짰 Atom??Thin Client Terminals
TPC-1251T-E3AE ADVANTECH-TPC-1251T-E3AE Datasheet
564Kb / 2P
   12.1" TFT LED LCD Intel짰 Atom??Thin Client Terminal
TPC-1551T-E3AE ADVANTECH-TPC-1551T-E3AE Datasheet
603Kb / 2P
   15" XGA TFT LED LCD Intel짰 Atom??Thin Client Terminal
TPC-651T-E3AE ADVANTECH-TPC-651T-E3AE Datasheet
560Kb / 2P
   5.7"/6.5" TFT LED LCD Intel짰 Atom??Thin Client Terminals
TPC-1051WP-E3AE ADVANTECH-TPC-1051WP-E3AE Datasheet
1Mb / 2P
   10.1" WXGA TFT LED LCD Intel짰 Atom??Thin Client Terminal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com