Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC8164 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # SC8164
Description  2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

SC8164 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  SC8164 Datasheet HTML 1Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 2Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 3Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 4Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 5Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 6Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 7Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 8Page - Vitesse Semiconductor Corporation SC8164 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8164
2.488 Gbit/sec to 2.7Gbit/sec
1:16 SONET/SDH Demux
Page 2
 VITESSE SEMICONDUCTOR CORPORATION
G52239-0, Rev. 3.3
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
5/17/00
Figure 1: Split-end DC Termination of Low Speed LVPECL CLK16O, CLK32O, D[15:0] Outputs
Figure 2: Traditional DC Termination of Low Speed LVPECL CLK16O, CLK32O, D[15:0] Outputs
Figure 3: AC Termination of Low Speed LVPECL CLK16O, CLK32O, D[15:0] Outputs
VSC8164
Zo
Zo
R2
R2
R1
R1
VEE
VCC
R1||R2 = Zo , R1 = 125Ω R2 = 83Ω
VCCR2 + VEER1
R1+R2
= VTerm
downstream
VCC-2V
R1 =50
VSC8164
Zo
VCC-2V
R1 =50
downstream
VSC8164
100nF
50
50
Zo
Zo
100nF
VCC-2V
downstream
bias point
generated
internally


Similar Part No. - SC8164

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SC816D150C SCHNEIDER-SC816D150C Datasheet
159Kb / 4P
   METER MAIN RING T-FEED THRU OH/UG 150A
SC816D200C SCHNEIDER-SC816D200C Datasheet
158Kb / 4P
   METER MAIN RING T-FEED THRU OH/UG 200A
SC816F150PS SCHNEIDER-SC816F150PS Datasheet
149Kb / 2P
   Homeline All In One combination service entrance device, ringed socket, no bypass, OH, UG, 150 A, 8 spaces, solar ready
SC816F200F150 SCHNEIDER-SC816F200F150 Datasheet
64Kb / 2P
   METER MAIN RING T-FEED THRU OH/UG 150A
SC816F200PF SCHNEIDER-SC816F200PF Datasheet
90Kb / 2P
   METER MAIN RING OH/UG SEMIFLUSH 200A SOL
More results

Similar Description - SC8164

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
   2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
   2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
   2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8132 VITESSE-VSC8132 Datasheet
121Kb / 14P
   2.488Gb/s 1:32 SONET/SDH Demux
logo
Agilent(Hewlett-Packard...
HDMP-3268 HP-HDMP-3268 Datasheet
162Kb / 18P
   3.2 Gbit/sec 68x68 Crosspoint Switch
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L80_0507 EXAR-XRT91L80_0507 Datasheet
335Kb / 45P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
XRT91L82 EXAR-XRT91L82 Datasheet
391Kb / 59P
   2.488/2.666 GBPS STS-48/STM-16 SONET/SDH TRANSCEIVER
logo
TriQuint Semiconductor
TQ8033 TRIQUINT-TQ8033 Datasheet
559Kb / 18P
   1.5 Gbit/sec 64x33 Expandable Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com