Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P010XX Datasheet(PDF) 10 Page - STMicroelectronics

Part # P010XX
Description  Repetitive peak off-state voltage up to 600 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P010XX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button P010XX Datasheet HTML 4Page - STMicroelectronics P010XX Datasheet HTML 5Page - STMicroelectronics P010XX Datasheet HTML 6Page - STMicroelectronics P010XX Datasheet HTML 7Page - STMicroelectronics P010XX Datasheet HTML 8Page - STMicroelectronics P010XX Datasheet HTML 9Page - STMicroelectronics P010XX Datasheet HTML 10Page - STMicroelectronics P010XX Datasheet HTML 11Page - STMicroelectronics P010XX Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ordering information
P010xx
10/12
DocID15197 Rev 2
3
Ordering information
Figure 19. Ordering information scheme
Table 11. Ordering information
Order code
Marking
Package
Weight
Base qty
Packing mode
P0102AA 1AA3
P0102 AA
TO-92
0.2 g
2500
Bulk
P0102AA 5AL3
P0102 AA
TO-92
0.2 g
2000
Tape and reel 13 inch
P0102AL 5AA4
P2A
SOT23-3L
0.01 g
3000
Tape and reel 7 inch
P0102BA 1AA3
P0102 BA
TO-92
0.2 g
1000
Bulk
P0102BL 5AA4
P2B
SOT23-3L
0.01 g
3000
Tape and reel 7 inch
P0102DA 1AA3
P0102 DA
TO-92
0.2 g
2500
Bulk
P0102DA 2AL3
P0102 DA
TO-92
0.2 g
2000
Ammopack
P0102DA 5AL3
P0102 DA
TO-92
0.2 g
2000
Tape and reel 13 inch
P0102DN 5AA4
P2D
SOT-223
0.11 g
3000
Tape and reel 7 inch
P0102MA 1AA3
P0102 MA
TO-92
0.2 g
2500
Bulk
P0102MN 5AA4
P2M
SOT-223
0.11 g
2000
Tape and reel 7 inch
P0109AL 5AA4
P9A
SOT23-3L
0.01 g
3000
Tape and reel 7 inch
P0109DA 1AA3
P0109 DA
TO-92
0.2 g
2500
Bulk
P0109DA 5AL3
P0109 DA
TO-92
0.2 g
2000
Tape and reel 13 inch
Sensitive SCR series
Sensitivity
Voltage
Package
Packing mode
Current
01 up to 0.8 A
02 = 200 µA
09 = 1 µA
A = 100 V
B = 200 V
D = 400 V
M = 600 V
A = TO-92
L = SOT23-3L
N = SOT-223
1AA3 = Bulk
2AL3 = Ammopack
5AL3 = Tape and reel 13 inch
5AA4 = Tape and reel 7 inch
Blank
P
01 0x
x
x
xAxx


Similar Part No. - P010XX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P010-012 TRIPPLITE-P010-012 Datasheet
163Kb / 2P
   Desktop Computer Power Cable, NEMA 5-15P to C13 - 10A, 125V, 18 AWG, 12 ft., Black
logo
Pulse A Technitrol Comp...
P0100 PULSE-P0100 Datasheet
74Kb / 1P
   LOW PROFILE SELF-LEADED POWER INDUCTORS Designed for PCMCIA Applications
logo
E-SWITCH
P010001 E-SWITCH-P010001 Datasheet
87Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
P010002 E-SWITCH-P010002 Datasheet
42Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
P010003 E-SWITCH-P010003 Datasheet
58Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010XX

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6075 NJSEMI-2N6075 Datasheet
133Kb / 1P
   REPETITIVE PEAK OFF-STATE VOLTAGE
2N6165 NJSEMI-2N6165 Datasheet
173Kb / 2P
   REPETITIVE PEAK OFF-STATE VOLTAGE
logo
Shanghai Leiditech Elec...
BTA16 LEIDITECH-BTA16 Datasheet
690Kb / 4P
   Off-state repetitive peak voltage
logo
SemiHow Co.,Ltd.
HTS6A80AS SEMIHOW-HTS6A80AS Datasheet
309Kb / 4P
   Repetitive Peak Off-State Voltage
MCK22-8 SEMIHOW-MCK22-8 Datasheet
379Kb / 4P
   Repetitive Peak Off-State Voltage
HTH40A80BW SEMIHOW-HTH40A80BW Datasheet
384Kb / 4P
   Repetitive Peak Off-State Voltage
HTA55A160BW SEMIHOW-HTA55A160BW Datasheet
409Kb / 4P
   Repetitive Peak Off-State Voltage
logo
Apollo Electron Co., Lt...
TF12A60 APOLLOELECTRON-TF12A60 Datasheet
1Mb / 6P
   Repetitive Peak Off-State Voltage : 600V
logo
SemiHow Co.,Ltd.
HTX2-600 SEMIHOW-HTX2-600 Datasheet
309Kb / 6P
   Repetitive Peak Off-State Voltage: 600V
logo
NXP Semiconductors
BT137X-600D NXP-BT137X-600D Datasheet
114Kb / 8P
   Repetitive peak off-state voltages
June 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com