Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LET9060F Datasheet(PDF) 1 Page - STMicroelectronics

Part # LET9060F
Description  RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9060F Datasheet(HTML) 1 Page - STMicroelectronics

  LET9060F Datasheet HTML 1Page - STMicroelectronics LET9060F Datasheet HTML 2Page - STMicroelectronics LET9060F Datasheet HTML 3Page - STMicroelectronics LET9060F Datasheet HTML 4Page - STMicroelectronics LET9060F Datasheet HTML 5Page - STMicroelectronics LET9060F Datasheet HTML 6Page - STMicroelectronics LET9060F Datasheet HTML 7Page - STMicroelectronics LET9060F Datasheet HTML 8Page - STMicroelectronics LET9060F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2011
Doc ID 16863 Rev 3
1/9
9
LET9060F
RF power transistor from the LdmoST family
of n-channel enhancement-mode lateral MOSFETs
Features
Excellent thermal stability
Common source configuration
POUT (@ 28 V)= 60 W with 18 dB gain @ 945
MHz
POUT (@ 36 V)= 90 W with 18 dB gain @ 945
MHz
BeO free package
In compliance with the 2002/95/EC european
directive
Description
The LET9060F is a common source n-channel
enhancement-mode lateral field-effect RF power
transistor designed for broadband commercial
and industrial applications at frequencies up to
1.0 GHz. The LET9060F is designed for high gain
and broadband performance operating in
common source mode at 28 V. It is ideal for base
station applications requiring high linearity.
Figure 1.
Pin out
M250
epoxy sealed
1
3
2
1. Drain
2. Gate
3. Source
Table 1.
Device summary
Order code
Package
Branding
LET9060F
M250
LET9060F
www.st.com


Similar Part No. - LET9060F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9060 STMICROELECTRONICS-LET9060 Datasheet
225Kb / 11P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
February 2011 Rev 1
LET9060C STMICROELECTRONICS-LET9060C Datasheet
36Kb / 5P
   RF POWER TRANSISTORS Ldmos Enhanced Technology
LET9060S STMICROELECTRONICS-LET9060S Datasheet
296Kb / 10P
   RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
LET9060S STMICROELECTRONICS-LET9060S Datasheet
225Kb / 11P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
February 2011 Rev 1
LET9060STR STMICROELECTRONICS-LET9060STR Datasheet
225Kb / 11P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
February 2011 Rev 1
More results

Similar Description - LET9060F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9120 STMICROELECTRONICS-LET9120 Datasheet
208Kb / 11P
   RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
LET9045C STMICROELECTRONICS-LET9045C Datasheet
206Kb / 10P
   RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
LET9045F STMICROELECTRONICS-LET9045F Datasheet
202Kb / 10P
   RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
April 2011 Rev 3
LET9150 STMICROELECTRONICS-LET9150 Datasheet
325Kb / 12P
   RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
STAP1011-180 STMICROELECTRONICS-STAP1011-180 Datasheet
121Kb / 9P
   RF power transistor the LdmoST family,N-channel enhancement-mode lateral MOSFETs
May 2009
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com